Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 4Page - ams-OSRAM AG AS89000 Datasheet HTML 5Page - ams-OSRAM AG AS89000 Datasheet HTML 6Page - ams-OSRAM AG AS89000 Datasheet HTML 7Page - ams-OSRAM AG AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG AS89000 Datasheet HTML 11Page - ams-OSRAM AG AS89000 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 6 of 14
AS89000
V3.01
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
signal frequency at
input
SW4 = VDD
(CPHOTO-SESNOR < 5pF)
f3dB
14
21
45
kHz
stage 3, TOP (4.2 )
35
54
130
kHz
stage 4, TOP (4.2 )
70
110
260
kHz
stage 5, TOP (4.2 )
100
160
360
kHz
stage 6, TOP (4.2 )
260
380
780
kHz
stage 7, TOP (4.2 )
500
800
1700
kHz
stage 8, TOP (4.2 )
temperature coefficient
of the feedback
resistor3
TCR
-3300
ppm/K
offset voltage
VOFF4
-10
10
mV
TOP (4.2 )
capacitive load at
VOUT<X>
CLOAD
50
pF
ILOAD < 0.5 mA per output
pull down current SW1,
SW2, SW3, SW4, PD
IPDPAD
200
µA
digital inputs
input capacitance of
external connected
photo-sensors
CPHOTO-
SENSOR
80
pF
per input
SW4 = GND
input capacitance of
external connected
photo-sensors
CPHOTO-
SENSOR
5
pF
per input
SW4 = VDD
tolerance of the
feedback resistors
between the four
channels
TOLR5
1
10
%
DC input current;
for all stages
3 see also chapter 6.2
4 VOFF = VOUT<X> - VREF; results from input offset voltage and input leakage current
5 up to max. 1% available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com