Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 2Page - ams-OSRAM AG AS89000 Datasheet HTML 3Page - ams-OSRAM AG AS89000 Datasheet HTML 4Page - ams-OSRAM AG AS89000 Datasheet HTML 5Page - ams-OSRAM AG AS89000 Datasheet HTML 6Page - ams-OSRAM AG AS89000 Datasheet HTML 7Page - ams-OSRAM AG AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 4 of 14
AS89000
V3.01
3 DESCRIPTION OF FUNCTION
The AS89000-devices are programmable gain transimpedance amplifiers1 with different
numbers of channels (AS89000 – 4 channels). There is one transimpedance amplifier per
channel between a current input IIN<X> and a voltage output2 VOUT<X>. Its transimpedance
is selectable in 8 stages. This adjustment can be effected by setting of digital inputs SW1, SW3
and SW4 and is valid for all channels simultaneously (chapter 2.2).
Also simultaneously valid for all channels is a compensation of the input capacitance of photo-
sensors for two possible frequency ranges (switchable by SW4, chapter 2.3).
The pins SW1, SW2, SW3 and SW4 are pull down inputs.
The second input of all transimpedance amplifiers is used for a common supply by a reference voltage
necessarily fed in through the pin VREF.
All channels are compensated for an external input capacitance of the photo-sensor of smaller than 80 pF
(SW4 = GND). The power supply for the AS89000-devices is typical 3 V to 5 V between VDD and GND.
The power down mode is adjusted by PD = VDD and switches off the functionality. In that case it must be
pointed out that the transimpedance resistor of stage 8 is between the particular inputs and outputs. The
amplifiers are switched off (tri-state).
4 ELECTRICAL CHARACTERISTICS
4.1 Maximum Conditions
Violations of absolute maximum conditions are not allowed under any circumstances, otherwise the IC can
be destroyed.
All voltages are referenced to GND = 0 V.
PARAMETER
NAME
MIN
MAX
UNIT
power supply
VDD
0.3
7.0
V
input and output voltages
 IC-pinning
0.3
VDD+0.3
V
power dissipation
POP
0.025
W
operating temperature
TOP
40
125
°C
storage temperature
TSTG
55
155
°C
weight
m
0,08
g
4.2 Operating Conditions
All voltages are referenced to GND = 0 V.
Table 5: Operating Conditions
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITIO
N
supply voltage
VDD
2.7
3 to 5
5.5
V
bias current AS89000
I(VDD)
2.5
4.0
mA
27°C,
VDD=5.5 V
1 work as inverted amplifiers
2 VOUT = VREF – IIn * R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com