Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG AS89000 Datasheet HTML 11Page - ams-OSRAM AG AS89000 Datasheet HTML 12Page - ams-OSRAM AG AS89000 Datasheet HTML 13Page - ams-OSRAM AG AS89000 Datasheet HTML 14Page - ams-OSRAM AG AS89000 Datasheet HTML 15Page - ams-OSRAM AG AS89000 Datasheet HTML 16Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 11 of 14
AS89000
V3.01
The input of the reference channel is connected with an external resistor that will load with an input voltage
which is different to VREF.
The output voltage of the measuring channel is explained in the coming formula:
(1)
 
 
 
T
RTIA
IIN
T
VREF
T
VTIA
IIN is the input current, which is supplied by the external sensor. The output voltage of the channel for the
temperature compensation is defined:
(2)
 
 
 
 
 
 
T
RTK
T
REXT
T
VREF
T
VIN
T
VREF
T
VTK
The following voltages will calculate for temperature compensation with a resistor.
(3)
 
 
 
T
VTIA
T
VREF
T
VTIA
(4)
 
 
 
T
VTK
T
VREF
T
VTK
For example the voltage ∆VTK(T0) will detect during the initialization of the system. The value is equivalent
to a constant for the temperature T0, which prevailed at the time of initialization. All further measurements
will calibrate by this value.
(5)
 
 
 
 
T
VTK
T
VTK
T
VTIA
T
iert
VTIAkorrig
0
All variables of the channel for temperature compensation are affected by temperature effects. Therefore
there is an additional coefficient necessary. That coefficient should be highly reduced opposite to the named
above value of the RTIA (typical -3300 ppm/K).
(6)
)
(
)
(
)
(
VREF
TK
VREF
VIN
VREF
VIN
TK
VREF
VIN
VIN
REXT
TK
TK
„TK(REXT)“ is the temperature coefficient of the external resistor, „TK(VIN)“ is the temperature coefficient
of the input voltage and „TK(VREF)“ is the temperature coefficient of the reference voltage.
Please consider the following interrelationship by the choice of resistors REXT and RTK in term of the
selected voltages VIN and VREF (values from (2) and (4)).
(7)
1
VREF
VIN
RTK
REXT
The adherence of this non-equation ensures, that the voltage VTK is located in the working range. That
means the amplifier of the channel for temperature compensation doesn’t go into saturation.
Furthermore you can calculate the absolute value of the transimpedance resistor RTK for a certain actual
existing temperature.
(8)
 
 
 
 
 
 
T
VREF
T
VIN
T
VTK
T
VREF
T
REXT
T
RTK
6.3 Output Signals VOUT
AS89000 works by the principle of a connected op-amp:
VOUT = VREF – IIn * R {limited by GROUND …VREF}
IIN = 0
VOUT = VREF
IIN = max.  VOUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com