Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG AS89000 Datasheet HTML 11Page - ams-OSRAM AG AS89000 Datasheet HTML 12Page - ams-OSRAM AG AS89000 Datasheet HTML 13Page - ams-OSRAM AG AS89000 Datasheet HTML 14Page - ams-OSRAM AG AS89000 Datasheet HTML 15Page - ams-OSRAM AG AS89000 Datasheet HTML 16Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 13 of 14
AS89000
V3.01
LEGAL NOTES AND WARNINGS
Failure to comply with these instructions could result in death or serious injury.
Misuse of documentation – The information contained in this document is the property of ams
Sensors Germany. Photocopying or otherwise reproducing any part of the catalog, whether
electronically or mechanically is prohibited, except where the express permission of ams Sensors
Germany GmbH has been obtained. In general, all company and brand names, as well as the
names of individual products, are protected by brand, patent or product law.
State of document - The information provided in this document is for reference only. Do not use
this document as product installation guide since products can be under development to improve
performance or any other purpose. Before you start any development or place an order please
contact your supplier or ams Sensors Germany for the latest version of this document. ams
Sensors Germany explicitly reserves the right to make technical changes to information
described in the document.
Information and Disclaimer – The information provided in this document is based on the
knowledge of the ams Sensors Germany GmbH as of the date of publication. The ams Sensors
Germany GmbH cannot give warranty regarding the accuracy of information provided by third
parties. ams Sensors Germany may not have conducted testing or chemical analysis on all
incoming material or chemicals. ams Sensors Germany GmbH performs and continues to perform
reasonable measures to provide the most accurate data at the given time. Additional efforts to
integrate information provided by third parties are performed and continue to be performed.
Certain supplier information may be proprietary or limited and not available at release.
Personal Injury: All products are conform to the specifications in accordance with the terms
and conditions of ams Sensors Germanys standard warranty. Production processing does not
necessarily include testing of all parameters.
RoHS Directive 2011/65/EU /REACH INFORMATION - RoHS compliance and PB free: The
products of ams Sensors Germany fully comply with the current RoHS-directives. Our
semiconductor products do not contain any of the six substance chemical categories, for
example including the restriction on lead usage (lead weight may not exceed 0.1% in
homogeneous materials). RoHS compliant products are suitable for the usage in lead-free
specified processes, when designed to be soldered at high temperatures.
REACH information: ams Sensors Germany products do not contain any of the latest REACH
Substances of Very High Concern (SVHC) regarding the Europe Union (EU) Regulation
1907/2006. The latest 155 substances restricted per the REACH Regulation were last updated
on June 16, 2014. Please refer to the following for the most current candidate list of substances:
http://echa.europa.eu/candidate-list-table.
ams Sensors Germany solutions are not designed or intended for use in critical applications, in
which the failures or malfunctions of the product may result in personal injury or death. Use of
ams Sensors Germany products in life support systems is expressly unauthorized and any use
by customer is completely at their own risk. In the case of a restricted use of the product
described here, an application of the product outside of this limitation is at your own risk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com