Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 3Page - ams-OSRAM AG AS89000 Datasheet HTML 4Page - ams-OSRAM AG AS89000 Datasheet HTML 5Page - ams-OSRAM AG AS89000 Datasheet HTML 6Page - ams-OSRAM AG AS89000 Datasheet HTML 7Page - ams-OSRAM AG AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG AS89000 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 5 of 14
AS89000
V3.01
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITIO
N
bias current AS89000
I(VDD)
8
µA
PD=VDD
operating
temperature
TOP
40
27
125
°C
input high level
VIH
0.7-VDD
VDD+0.3
V
input low level
VIL
0.3
0.8
V
reference voltage
VREF
0.4
VDD-0.4
V
4.3 AC/DC-Characteristics
Unless otherwise specified the data in this table is valid for TOP = 27°C and VDD = 5 V.
All voltages are referenced to GND = 0 V.
Table 6: AC/DC-Characteristics
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
0.025
µA
stage 1
0.05
µA
stage 2
0.1
µA
stage 3
0.25
µA
stage 4
0.5
µA
stage 5
1
µA
stage 6
5
µA
stage 7
20
µA
stage 8
14000
20000
26700
k
stage 1
7000
10000
13350
k
stage 2
3500
5000
6700
k
stage 3
1400
2000
2670
k
stage 4
700
1000
1335
k
stage 5
350
500
670
k
stage 6
70
100
133
k
stage 7
17
25
34
k
stage 8
4
6
16
kHz
stage 1, TOP (4.2 )
7
11
28
kHz
stage 2, TOP (4.2 )
11
16
42
kHz
stage 3, TOP (4.2 )
18
26
66
kHz
stage 4, TOP (4.2 )
25
35
95
kHz
stage 5, TOP (4.2 )
35
50
130
kHz
stage 6, TOP (4.2 )
80
120
280
kHz
stage 7, TOP (4.2 )
160
300
580
kHz
stage 8, TOP (4.2 )
4
6
16
kHz
stage 1, TOP (4.2 )
7
11
28
kHz
stage 2, TOP (4.2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com