Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS89000 Datasheet HTML 7Page - ams-OSRAM AG AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG AS89000 Datasheet HTML 10Page - ams-OSRAM AG AS89000 Datasheet HTML 11Page - ams-OSRAM AG AS89000 Datasheet HTML 12Page - ams-OSRAM AG AS89000 Datasheet HTML 13Page - ams-OSRAM AG AS89000 Datasheet HTML 14Page - ams-OSRAM AG AS89000 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 9 of 14
AS89000
V3.01
5.3 Soldering Information
The solder reflow profile should fulfil the specifications for the reflow profile parameters given in Table 8.
These parameters follow the IPC/JEDEC standard J-STD-020D.1. The temperature should be measure at
the top of the package.
Figure 4: Recommended reflow profile
Table 8: Reflow profile parameters
PROFILE PARAMETER
ASSEMBLY, CONVECTION
ramp-up rate (Tsmax to Tp)
2-3°C/second
preheat temperature (Tsmin to Tsmax)
150°C to 200°C
preheat time (ts)
60 – 120 seconds
time above TL, 217°C (tL)
60 – 150 seconds
peak temperature (Tp)
260°C
time within 5°C of peak temperature (tp)
20 – 40 seconds
ramp-down rate
6°C/second
time 25°C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com