Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
NJW1201A
– 21 –
APPLICATION NOTE
[3] TONE control
(a)Bass
(a-1)Boost
(a-2)Cut
(Hz)
(dB)
Table.a-1 : Internal resistance in each Gain.
Gain
R1
R2
±17.5dB
48.3kΩ
1.7kΩ
±15dB
45.8kΩ
4.2kΩ
±12.5dB
42.5kΩ
7.5kΩ
±10dB
38.1kΩ
11.9kΩ
±7.5dB
32.2kΩ
17.8kΩ
±5dB
24.4kΩ
25.6kΩ
±2.5dB
13.9kΩ
36.1kΩ
±0dB
0Ω
50kΩ
2
1
3
)
2
1
(
2
1
0
C
C
R
R
R
f
∗
∗
∗
+
=
π
()
()
2
1
3
2
2
1
3
2
3
2
1
20
0
C
C
R
C
R
C
R
C
R
R
R
Log
G
+
∗
+
∗
∗
+
∗
+
+
±
=
()
2
1
3
2
2
2
1
3
)
2
1
(
C
C
R
C
R
C
C
R
R
R
Q
+
∗
+
∗
∗
∗
∗
+
=
TONE-B2(PIN:12,28)
TONE-B1(PIN:11,29)
IN
OUT
R2
R1
C2
C1
R3
OUT
R1
R2
IN
C1
C2
R3
TONE-B1(PIN:11,29)
TONE-B2(PIN:12,28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com