Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 8 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 8 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
NJW1201A
– 8 –
INSTRUCTION CODE
a) INPUT SELECTOR, INPUT GAIN SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
*
INPUT SELECTOR
INPUT GAIN
•INPUT SELECTOR : INPUT 1 to 5 (Single Ended), INPUT 6 (Single Ended/Differential), Mute
•INPUT GAIN
: 0 to +30 dB (2dB/Step)
b) HI PATH FILTER SWITCH, 1
st VOLUME
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
01H
*
*
1
st VOLUME
•1st Volume : 0 to -62 dB (1dB/Step) , MUTE
c) TREBLE, MIDDLE
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
02H
TREB
MIDD
•TREB : 0 to
±14dB/ 2dBstep
• MIDD : 0 to
±14dB/ 2dBstep
d) BASS, 2
nd VOLUME
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
03H
BASS
2
nd VOLUME
•BASS : 0 to
±17.5dB/ 2.5dBstep
•2nd VOLUME : 0 to
-28dB/ 2dBstep , MUTE
e) SOUND ENHANCEMENT, DYNAMIC BASS BOOST
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
04H
*
SOUND
GAIN
SOUND MODE
DBB GAIN
DBB SENSE
•SOUND GAIN : Sound Gain has 2 levels
•SOUND MODE : Sound mode has 3 types
•DBB GAIN : Dynamic Bass Boost Gain has 3 levels
•DBB SENSE : This means detect level of input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com