Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
NJW1201A
– 6 –
CHARACTERISTICS OF BUS LINES (SDA,SCL) FOR I
2C-BUS DEVICES
Standard mode
Fast mode
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNIT
SCL clock frequency
fSCL
-
-
100
-
-
400
kHz
Hold time (repeated) START condition.
tHD:STA
4.0
-
-
0.6
-
-
µs
Low period of the SCL clock
tLOW
4.7
-
-
1.3
-
-
µs
High period of the SCL clock
tHIGH
4.0
-
-
0.6
-
-
µs
Set-up time for a repeated START condition
tSU:STA
4.7
-
-
0.6
-
-
µs
Data hold time
NOTE)
tHD:DAT
0
-
-
0
-
-
µs
Data set-up time
tSU:DAT
250
-
-
100
-
-
ns
Rise time of both SDA and SCL signals
tr
-
-
1000
-
-
300
ns
Fall time of both SDA and SCL signals
tf
-
-
300
-
-
300
ns
Set-up time for STOP condition
tSU:STO
4.0
-
-
0.6
-
-
µs
Bus free time between a STOP and START condition
tBUF
4.7
-
-
1.3
-
-
µs
Capacitive load for each bus line
Cb
-
-
400
-
-
400
pF
Noise margin at the Low level
VnL
0.5
-
-
0.5
-
-
V
Noise margin at the High level
VnH
1
-
-
1
-
-
V
Cb ; total capacitance of one bus line in pF.
NOTE). Data hold time : tHD:DAT
Please hold the Data Hold Time (tHD:DAT) to 300ns or more to avoid status of unstable at SCL falling edge.
The SDA block in the NJW1201A does not hold data. Add external data-delay-circuit of the SDA terminal, in case of not
providing a hold time of at least 300nsec for the SDA in the master device.
The time-consists of the data-delay-circuit of the SDA terminal are as follows.
(a) Low level
High level :
TLH ≈ RP*CD
(b) High level
Low level :
THL ≈ RD*CD
In addition, Schottky barrier diode (SBD) influences a Low level at the Acknowledge. Therefore choose the low forward
voltage (Vf) as much as possible.
MASTER
SCL
SDA
VDD
RP
RP
RD
SBD
CD
NJW1201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com