Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 4 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  NJW1201AFH2 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NJW1201A
– 4 –
♦ Sound mode Characteristics
(Ta=25
°C,V+=9V, Rg=0Ω, RL=47kΩ, Vin=0.1Vrms, f=1kHz,all controls flat unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
SOUND MODE 1
GVm1
SOUNDMODE=”01”
Ain-Aout, f=10kHz
-
4.0
-
dB
SOUND MODE 2
GVm2
SOUNDMODE=”10”
Ain-Aout,
-
4.0
-
dB
SOUND MODE 3
GVm3
SOUNDMODE=”11”
Ain-Aout
-
4.5
-
dB
♦ Sound Gain Characteristics
(Ta=25
°C,V+=9V, Rg=0Ω, RL=47kΩ, Vin=0.1Vrms, f=1kHz,all controls flat unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
SOUND GAIN 1
GVS1
SOUNDGAIN =”0”
SOUNDMODE=”10”
Ain-Aout,
-
4.0
-
dB
SOUND GAIN 2
GVS2
SOUNDGAIN =”1”
SOUNDMODE=”10”
Ain-Aout,
-
6.5
-
dB
♦ Dynamic Bass Boost Characteristics
(Ta=25
°C,V+=9V, Rg=0Ω, RL=47kΩ, Vin=0.05Vrms, f=1kHz,all controls flat unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
DBB Gain 1
GVSDBB1
DBBGain=”01”, (A+B)in-Aout
-
7.5
-
dB
DBB Gain 2
GVSDBB2
DBBGain=”10”, (A+B)in-Aout
-
10.5
-
dB
DBB Gain 3
GVSDBB3
DBBGain=”11”, (A+B)in-Aout
-
14.0
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com