Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  NJW1201AFH2 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NJW1201A
– 5 –
TIMING ON THE I
2C BUS (SDA,SCL)
CHARACTERISTICS OF I/O STAGES FOR I2C BUS (SDA,SCL)
I
2C BUS Load Conditions
STANDARD MODE :
Pull up resistance 4k
Ω (Connected to +5V), Load capacitance 200pF (Connected to GND)
FAST MODE :
Pull up resistance 4k
Ω (Connected to +5V), Load capacitance 50pF (Connected to GND)
Standard mode
Fast mode
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNIT
Low Level Input Voltage
VIL
0.0
-
1.5
0.0
-
1.5
V
High Level Input Voltage
VIH
2.7
-
5.0
2.7
-
5.0
V
Low level output voltage (3mA at SDA pin)
VOL
0
-
0.4
0
-
0.4
V
Input current each I/O pin with an input voltage
between 0.1VDD and 0.9VDDmax
Ii
-10
-
10
-10
-
10
µA
SDA
SCL
tf
tHD:STA
tLOW
tr
tHD:DAT
tHIGH
tf
tSU:DAT
S
tSU:STA
tHD:STA
tSP
tSU:STO
Sr
tr
tBUF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com