Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button NJW1201AFH2 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NJW1201A
– 7 –
DEFINITION OF I
2C REGISTER
♦I2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit
1bit
S: Starting Term
A: Acknowledge Bit
P: Ending Term
♦SLAVE ADDRESS
Slave Address
Hex
MSB
LSB
-
1
0
0
0
1
0
0
0
88(h)
♦CONTROL REGISTER TABLE
The select address sets each function (Input Selector, Input Gain, 1
st-Volume, Tone Control, 2nd-Volume, ealaSurrond,
Dynamic Bass Boost, Other Settings).
The auto increment function cycles the select address as follows.
00H
→01H→02H→03H→04H→00H
<Write Mode>
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
*
INPUT SELECTOR
INPUT GAIN (0 to 30dB / 2dBstep)
01H
*
*
1st-VOL (0 to -55dB / 1dBstep, MUTE)
02H
TREB (0 to
±14dB/ 2dBstep)
MIDD (0 to
±14dB/ 2dBstep)
03H
BASS (0 to
±17.5dB/ 2.5dBstep)
2nd-VOL (0 to -28dB / 2dBstep, MUTE)
04H
*
SOUND GAIN
SOUND MODE (3 modes)
DBB GAIN (3 levels)
DBB SENSE (3 levels)
* : Don’t Care
♦CONTROL REGISTER DEFAULT VALUE
Control register default value is all “0”.
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
0
0
0
0
0
0
01H
0
0
0
0
0
0
0
0
02H
0
0
0
0
0
0
0
0
03H
0
0
0
0
0
0
0
0
04H
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com