Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1201AFH2 Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # NJW1201AFH2
Description  2ch Electronic Volume with Dynamic Bass Boost
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJW1201AFH2 Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  NJW1201AFH2 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. NJW1201AFH2 Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NJW1201A
– 3 –
ABSOLUTE MAXIMUM RATING (Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Power Supply Voltage
V+
10.5
V
Power Dissipation
PD
1200 (Note1)
mW
Maximum Input Voltage
VIMAX
0 ~ V+ (Note2)
V
Operating Temperature Range
Topr
-20 ~ +75
°C
Storage Temperature Range
Tstg
-40 ~ +125
°C
(Note1) EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
(Note2) Don’t put Input Voltage more than Power Supply Voltage.
ELECTRICAL CHARACTERISTICS
(Ta=25
°C,V+=9V, Rg=0Ω, RL=47kΩ, Vin=1Vrms, f=1kHz,1stVOL=0dB, all controls flat unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V+
7.5
9.0
10.0
V
Supply Current
IDD
No signal
-
12
18
mA
Reference Voltage
VREF
No signal
4.0
4.5
5.0
V
Volume Input Resistance
RINVOL
No signal
-
26.5
-
k
Ω
Maximum Input Voltage
VIM
1st Volume=-20dB
THD=1%
2.0
2.4
-
Vrms
Maximum Output Voltage
VOM
THD=1%
2.0
2.4
-
Vrms
Maximum Input Gain
GVINMAX
Input Gain=+30dB
Vin=50mVrms
-
30
-
dB
Maximum Gain
GVMAX
-1
0
1
dB
Mute Level
Mute
1st Volume = Mute
2nd Volume = Mute
-
-100
-90
dB
Channel Balance
GCB
-1
0
1
dB
Total Harmonic Distortion
THD+N
VO=0.5Vrms, BW=400Hz-30kHz
-
0.01
0.05
%
Output Noise Voltage 1
VNO1
Rg=0
Ω, Filter : A-Weighted
-
-100
(10)
-94
(20)
dBV
(uVrms)
Output Noise Voltage 2
VNO2
1st Volume = Mute
2nd Volume=Mute
Rg=0
Ω, Filter : A-Weighted
-
-110
(3)
-100
(10)
dBV
(uVrms)
Cross Talk
CT
Selected Input : Rg=0
Ω
Unselected Input : Signal
-
-
-80
dB
Channel Separation
CS
Rg=0
Ω
-
-
-80
dB
♦Tone Control
(Ta=25
°C,V+=9V, Rg=0Ω, RL=47kΩ, Vin=0.1Vrms, f=1kHz,all controls flat unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
High Frequency Boost
HFBST
TREB=”1111”, f=10kHz
11.5
14.0
16.5
dB
High Frequency Cut
HFCUT
TREB=”0111”, f=10kHz
-16.5
-14.0
-11.5
dB
Mid Frequency Boost
MFBST
MIDD=”1111”, f=1kHz
11.5
14.0
16.5
dB
Mid Frequency Cut
MFCUT
MIDD=”0111”, f=1kHz
-16.5
-14.0
-11.5
dB
Low Frequency Boost
LFBST
BASS=”1111”, f=100Hz
15.0
17.5
20.0
dB
Low Frequency Cut
LFCUT
BASS=”0111”, f=100Hz
-20.0
-17.5
-15.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com