Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics XRAG2 Datasheet HTML 9Page - STMicroelectronics XRAG2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Description
XRAG2
6/33
1
Description
The XRAG2 is a full-featured, low-cost integrated circuit for use in radio frequency
identification (RFID) transponders (XRAG2s) operating at UHF frequencies. It is a 432-bit
memory organized as 3 or 4 memory banks of 16-bit words as shown in Figure 4 and
Figure 5.
When connected to an antenna, the operating power is derived from the RF energy
produced by the RFID reader and incoming data are demodulated and decoded from the
received double-side band amplitude shift keying (DSB-ASK), single-side band amplitude
shift keying (SSB-ASK) or phase-reversal amplitude shift keying (PR-ASK) modulation
signal. Outgoing data are generated by antenna reflectivity variation using either FM0 or the
Miller bit coding principle (chosen by the reader).
Communications between the reader and the XRAG2 are Half-duplex, which means that the
XRAG2s does not decode reader commands while back scattering.
The data transfer rate is defined by the local UHF frequency regulation.
The XRAG2 complies with the EPC Global Class-1 Generation-2 UHF RFID specification,
revision 1.0.9, for the radio-frequency power and signal interface.
Figure 1.
Pad connections
Figure 2.
Die floor plan
AI12306
AC1
AC0
Power
Supply
Regulator
Reflecting
Modulator
ASK
Demodulator
432 bit
EEPROM
memory
(GND) AC0
ai12307
AC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com