Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 25Page - STMicroelectronics XRAG2 Datasheet HTML 26Page - STMicroelectronics XRAG2 Datasheet HTML 27Page - STMicroelectronics XRAG2 Datasheet HTML 28Page - STMicroelectronics XRAG2 Datasheet HTML 29Page - STMicroelectronics XRAG2 Datasheet HTML 30Page - STMicroelectronics XRAG2 Datasheet HTML 31Page - STMicroelectronics XRAG2 Datasheet HTML 32Page - STMicroelectronics XRAG2 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
XRAG2
XRAG2 impedance parameters
29/33
9
XRAG2 impedance parameters
The XRAG2 provides the parameters specified in tables 12 and 13. The equivalent
impedance model for measurement is based on a resistance and a capacitance connected
in series with the external antenna.
Figure 20.
XRAG2 input impedance, equivalent serial circuit
Table 12.
XRAG2 parameters
Symbol
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
Wafer
15
25
°C
23
months
VESD
Electrostatic discharge voltage(1)
1.
Mil. Std. 883 - Method 3015.
Machine model
Human body model
–100
–2000
+100
+2000
V
V
Table 13.
XRAG2 impedance parameters
Equivalent serial Model (see Figure 20)
Measurement conditions
T= +25 °C, regulated internal VDD = 1.45 V
Typical value characterized only.
Fc = 915 MHz, Rs = 10 Ω, Xs = –245 Ω
AC
AC
Zeq
RS
XS
ai12338
Zeq = RS + j . XS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com