Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics XRAG2 Datasheet HTML 9Page - STMicroelectronics XRAG2 Datasheet HTML 10Page - STMicroelectronics XRAG2 Datasheet HTML 11Page - STMicroelectronics XRAG2 Datasheet HTML 12Page - STMicroelectronics XRAG2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
XRAG2
XRAG2 memory mapping
9/33
Figure 4.
Four bank memory organization (EPC_length
≤9
d), memory map
1.
See Table 2 and Table 3 for description of EPC and ISO TID coding.
User bank
TID bank(1)
EPC bank
Reserved bank
User
User
User
...
70h
...
10h
00h
7Fh
...
1Fh
0Fh
TID[63:48]
TID[47:32]
TID[15:0]
TID[31:16]
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
Kill password [31:16]
Kill password [15:0]
Access password [15:0]
Access password [31:16]
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
EPC[N:N-15]
... up to 128 EPC bits
RFU
EPC [15:0]
A0h
90h
...
20h
AFh
9Fh
...
2Fh
(PC+EPC)length
AFI/NSI
CRC16[15:0]
10h
00h
1Fh
0Fh
Bank 11
Bank 10
Bank 01
Bank 00
128 bits
64 bits
176 bits
64 bits
ai12309d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com