Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 16 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 12Page - STMicroelectronics XRAG2 Datasheet HTML 13Page - STMicroelectronics XRAG2 Datasheet HTML 14Page - STMicroelectronics XRAG2 Datasheet HTML 15Page - STMicroelectronics XRAG2 Datasheet HTML 16Page - STMicroelectronics XRAG2 Datasheet HTML 17Page - STMicroelectronics XRAG2 Datasheet HTML 18Page - STMicroelectronics XRAG2 Datasheet HTML 19Page - STMicroelectronics XRAG2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Reader-to-tag protocol
XRAG2
16/33
Figure 8.
Preamble timings
Figure 9.
Frame-sync sequence timings
Preamble and frame-sync format and timings follow the EPCglobal Class 1 generation 2
RFID UHF specification, revision 1.0.9.
Table 7.
Reader to tag frame-sync and preamble timings(1)
1.
Characterized only.
Parameter
Symbol
Min
Typ
Max
Tolerance
Units
Delimiter
Delimiter
12.5
5%
µs
Reader-to-tag calibration timing
RTcal
2.5
3
1%
Tari
Tag-to-reader calibration timing
TRcal
1.1
3
1%
RTCAL
tPW
1 Tari
2.5Tari
≤ RTcal ≤ 3.0Tari
data-0
ai12312
12.5µs ±5%
delimiter
tPW
tPW
1.1RTcal
≤ TRcal ≤ 3RTcal
R=>T calibration (RTcal)
T=>R calibration (TRcal)
tPW
1 Tari
2.5Tari
≤ RTcal ≤ 3.0Tari
data-0
ai12313b
12.5 µs ±5%
delimiter
tPW
R=>T calibration (RTcal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com