Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 11Page - STMicroelectronics XRAG2 Datasheet HTML 12Page - STMicroelectronics XRAG2 Datasheet HTML 13Page - STMicroelectronics XRAG2 Datasheet HTML 14Page - STMicroelectronics XRAG2 Datasheet HTML 15Page - STMicroelectronics XRAG2 Datasheet HTML 16Page - STMicroelectronics XRAG2 Datasheet HTML 17Page - STMicroelectronics XRAG2 Datasheet HTML 18Page - STMicroelectronics XRAG2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
XRAG2
Reader-to-tag protocol
15/33
5.3
Reader-to-tag data encoding
A reader communicates with the tag using Pulse Interval Encoding (PIE), as specified in
EPCglobal class-1 generation-2 UHF RFID specification.
Figure 7.
PIE encoding
Pulse modulation depth, rise time, fall time, Tari, RF Pulse Width (tPW) and RF envelope are
specified in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9.
5.4
Reader-to-tag communication start and calibration
As specified in the EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9,
a reader begins signaling to the tag with a preamble or frame-sync sequence.
A preamble sequence must precede a Query command to calibrate data rates during
communication from the reader to the tag and from the tag to the reader (see Figure 8). The
preamble denotes the start of an inventory round. The preamble is composed of the
delimiter, RTCal and TRCAL symbols:
●
RTcal corresponds to the duration of a ‘0’ and a ‘1’. When receiving the preamble, the
tag computes pivot = RTCAL/2 and decodes further coming data symbol shorter than
pivot as ‘0’, and data symbol longer than pivot as ‘1’.
●
TRcal in addition to the Divide ratio (DR) parameter transmitted in the Query command
is used by readers to specify the tag-to-reader backscatter link frequency
–
data rate for FM0 tag-to-reader base band modulation: LF=DR/TRcal
–
data rates for Miller tag-to-reader subcarrier modulation: LF/M (M specified during
Query command)
A frame-sync sequence must precede all other signaling (see Figure 9).
Table 6.
PIE parameters(1)
1.
Characterized only.
Parameter
Symbol
Min
Max
Units
RF pulse width
tPW
(2)
2.
tPW is the pulse width duration and corresponds to a negative pulse width (RF interruption period).
max (2.265 Tari)
0.525 Tari
µs
Tari(3)
3.
Tari is the reference time for reader-to-tag signaling, and is the duration of a ‘0’.
Tari
6.25
25
µs
tPW
tPW
Tari
0.5Tari
≤ x ≤ Tari
1.5Tari
≤ data-1 ≤ 2.0Tari
data-0
data-1
ai12311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com