Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics XRAG2 Datasheet HTML 9Page - STMicroelectronics XRAG2 Datasheet HTML 10Page - STMicroelectronics XRAG2 Datasheet HTML 11Page - STMicroelectronics XRAG2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
XRAG2 memory mapping
XRAG2
8/33
2
XRAG2 memory mapping
The XRAG2 is a 432-bit memory organized in three memory banks (without the user
memory) or four memory bank (with the user memory) depending on the size of the EPC
code chosen by the user. Each bank is organized as 16-bit words. The reader can read part
or all of each memory bank by 16-bit words. Using the Write command, the device is written
a 16-bit word at a time. The BlockWrite command allows readers to write up to 4 words at a
time. The BlockErase command allows readers to erase several words at a time (from two
words to the entire memory bank).
The bank number and memory organization depend on the size of the EPC contents
programmed in the EPC_length field stored in the first five bits of the Protocol Control (PC)
word.
The sixteen Protocol Control bits are located at memory bit addresses 10h-1Fh of the EPC
bank, as defined in the EPCglobal Class 1 generation 2 RFID UHF specification, revision
1.0.9.
The XRAG2 memory organization is automatically adjusted under the following conditions:
●
for EPC_length values below or equal to 9d, the XRAG2 memory organization features
a:
–
64-bit Reserved bank,
–
176-bit EPC bank for 128-bit EPC code storage,
–
64-bit TID bank,
–
128-bit User bank,
The memory map corresponding to this configuration is shown in Figure 4.
●
for EPC_length values above 9d, the XRAG2 memory organization features a:
–
64-bit Reserved bank,
–
304-bit EPC bank for 256-bit EPC code storage,
–
64-bit TID bank.
The memory map corresponding to this configuration is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com