Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 23Page - STMicroelectronics XRAG2 Datasheet HTML 24Page - STMicroelectronics XRAG2 Datasheet HTML 25Page - STMicroelectronics XRAG2 Datasheet HTML 26Page - STMicroelectronics XRAG2 Datasheet HTML 27Page - STMicroelectronics XRAG2 Datasheet HTML 28Page - STMicroelectronics XRAG2 Datasheet HTML 29Page - STMicroelectronics XRAG2 Datasheet HTML 30Page - STMicroelectronics XRAG2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
XRAG2
XRAG2 command descriptions
27/33
8.3.5
BlockWrite
The XRAG2 supports the BlockWrite command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
The BlockWrite command allows the reader to program blocks of multiple 16-bit words (up
to 4 words) into the Reserved, EPC, and User memory banks in a single operation. Prior to
a BlockWrite operation, the block must be erased using a BlockErase command. If not, the
current data is ORed with new data sent during the BlockWrite command.
After completion of the BlockWrite operation, the XRAG2 backscatters a single bit header
(0b), its handle and a CRC16 within tBLOCKWRITE. The XRAG2 backscatters the non-specific
error code 0Fh within tBLOCKWRITE if an error is encountered during the transmission of the
BlockWrite command.
The duration of the BlockWrite cycle tBLOCKWRITE is specified in Table 11.
8.3.6
BlockErase
The XRAG2 supports the Block Erase command as described in the EPCglobal Class 1
generation 2 RFID UHF specification, revision 1.0.9.
The BlockErase command allows the reader to erase blocks of multiple 16-bit words (up to
the complete memory bank) into the Reserved, EPC, or User memory banks in a single
operation.
After completion of the BlockErase operation, XRAG2 backscatters a single bit header (0b),
its Handle and a CRC16 within tBLOCKERASE. XRAG2 backscatters the non specific error
code 0Fh within tBLOCKERASE if an error is encountered during the sending of the
BlockErase command.
The duration of the BlockErase cycle tBLOCKERASE is specified in Table 11.
8.3.7
Kill
The XRAG2 supports the KILL command as described in the EPCglobal Class 1 generation
2 RFID UHF specification, revision 1.0.9.
The Kill command allows readers to permanently disable a tag.
8.3.8
Lock
The XRAG2 supports the Lock command as described in the EPCglobal Class 1 generation
2 RFID UHF specification, revision 1.0.9.
The Lock command allows the reader to lock individual passwords and memory banks
thereby preventing or allowing subsequent writes and/or reads of these passwords and
memory banks. The status of the passwords and memory banks can be permanently locked
(permalocked).
Table 11.
XRAG2 Write, BlockWrite and BlockErase parameters(1)
1.
Characterized only.
Parameter
Description
Min
Max
Unit
tWRITE
Write cycle time
20
ms
tBLOCKWRITE
BlockWrite cycle time
20
ms
tBLOCKERASE
BlockErase cycle time
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com