Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 24 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 20Page - STMicroelectronics MK50H25 Datasheet HTML 21Page - STMicroelectronics MK50H25 Datasheet HTML 22Page - STMicroelectronics MK50H25 Datasheet HTML 23Page - STMicroelectronics MK50H25 Datasheet HTML 24Page - STMicroelectronics MK50H25 Datasheet HTML 25Page - STMicroelectronics MK50H25 Datasheet HTML 26Page - STMicroelectronics MK50H25 Datasheet HTML 27Page - STMicroelectronics MK50H25 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
01
ACON
ALE CONTROL defines the assertive state of pin 18 when the
MK50H25 is a Bus Master. ACON is READ/ WRITE and cleared by
Bus RESET.
00
BCON
BYTE CONTROL redefines the Byte Mask and Hold I/O pins.
BCON is READ/WRITE and cleared by Bus RESET.
4.1.2.6 Control and Status Register 5 (CSR5)
CSR5 facilitates control and monitoring of modem controls.
RAP<3:1> = 5
BIT
NAME
DESCRIPTION
15:06
0
Reserved, must be written as zeroes.
5
XEDGE
Setting this bit causes the TD output to change on the rising edge of
TCLK rather than on the falling edge as indicated in the description of
pin 25. This may be useful at high TCLK rates where internal delays
may cause application required TD to TCLK setup times to otherwise
be violated.
4
RTSEN
RTS/CTS ENABLE is a READ/WRITE bit used to configure pins 26
and 30. If this bit is set, pin 26 becomes RTS and pin 30 becomes
CTS. RTS is driven low whenever the MK50H25 has data to trans-
mit and is kept low during transmission. RTS will be driven high
after the closing flag of a signal unit is transmited if either no other
frames are in the FIFO or if the minimum signal unit spacing is higher
than 2 (see Mode Register). The MK50H25 will not begin transmission
and TD will remain HIGH if CTS is high. If RTSEN = 0 then pins 26
and 30 become programmable I/O pins DTR and DSR. The direction
and behavior of DSR and DTR are controlled by the following bits.
3
DTRD
DTR DIRECTION is a READ/WRITE bit used to control the direction
of the DTR/RTS pin. If DTRD = 0, the DTR/RTS pin becomes an input
pin and the DTR bit reflects the current value of the pin; if DTRD = 1,
the DTR/RTS pin is an output pin controlled by the DTR bit below.
2
DSRD
DSR DIRECTION is a READ/WRITE bit used to control the direction
of the DSR/CTS pin. If DSRD = 0, the DSR/CTS pin becomes an input
pin and the DSR bit reflects the current value of the pin; if DSRD = 1,
the DSR/CTS pin is an output pin controlled by the DSR bit below.
1
DTR
DATA TERMINAL READY is used to control or observe the DTR I/O
pin depending on the value of DTRD. If DTRD = 0, this bit be-
comes
READ
ONLY and always equals the current value of the
DTR/RTS pin. If DTRD = 1, this bit becomes READ/WRITE and
any value written to this bit appears on the DTR/RTS pin.
ACON
PIN18
NAME
0
ASSERTED HIGH
ALE
1
ASSERTED LOW
AS
BCON
PIN16
PIN15
PIN17
0
BM1
BM0
HOLD
1
BUSAKO
BYTE
BUSRQ
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
000
00
0000
D
T
R
D
D
S
R
D
D
T
R
D
S
R
R
T
S
E
N
X
E
D
G
E
0
MK50H25
24/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com