Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 43 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 39Page - STMicroelectronics MK50H25 Datasheet HTML 40Page - STMicroelectronics MK50H25 Datasheet HTML 41Page - STMicroelectronics MK50H25 Datasheet HTML 42Page - STMicroelectronics MK50H25 Datasheet HTML 43Page - STMicroelectronics MK50H25 Datasheet HTML 44Page - STMicroelectronics MK50H25 Datasheet HTML 45Page - STMicroelectronics MK50H25 Datasheet HTML 46Page - STMicroelectronics MK50H25 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
4.4.15 MK50H25 Internal Self Test
The MK50H25 contains an easy to use internal self test designed to test, with a high fault coverage, all
of the major blocks of the device except the DMA controller. It is suggested that a loopback test also be
performed to more completely test the DMA controller.
The following procedure should be followed to execute the internal self test:
1. Reset the device using the RESET pin.
2. Set bit 04 of CSR4.
3. Issue a Self Test Request (UPRIM=5) through CSR1.
4. Poll CSR1, waiting for the PAV bit in CSR1 to be set by the MK50H25.
5. After the PAV bit is set, read CSR1. If bit 04 is clear, the self test passed. If bit 04 is set, it failed. The
success or failure of the test is futher indicated in the PPRIM field as follows:
PPRIM
RESULT
0
Passed self test.
1
Failed the reset test of the self test.
2
Failed the self test in the micro controller RAM.
3
Failed the self test in the ALU.
4
Failed the self test in the timers.
5
Failed the self test in the transmitter and/or receiver.
6
Failed the self test in the CSR’s and/or bus master.
Otherwise
Failed device.
6. If the PAV bit is not set within 75 msec (SYSCLK = 10MHZ), then the MK50H25 is unable to respond
to the Self Test Request and will not complete successfully.
If the self test passes, then after clearing the PAV bit it may be immediately reexecuted from step 3, oth-
erwise re-execution should proceed from step 1.
After executing Self-Test, the MK50H25 should be reset before continuing with other testing or operation
of the device. This is recommended because the Self-Test leaves some of the timers and registers in
different states than after reset. To not reset the device after Self-Test may cause unexpected results in
further operation of the device.
USER NOTES:
MK50H25
43/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com