Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 46 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 42Page - STMicroelectronics MK50H25 Datasheet HTML 43Page - STMicroelectronics MK50H25 Datasheet HTML 44Page - STMicroelectronics MK50H25 Datasheet HTML 45Page - STMicroelectronics MK50H25 Datasheet HTML 46Page - STMicroelectronics MK50H25 Datasheet HTML 47Page - STMicroelectronics MK50H25 Datasheet HTML 48Page - STMicroelectronics MK50H25 Datasheet HTML 49Page - STMicroelectronics MK50H25 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
MK50H25 -16
AC TIMING SPECIFICATIONS (Continued) - MK50H25 -16
TA =0
°Cto 70 °C, VCC =+5 V ±5 percent, unless otherwise specified.
No
Signal
Symbol
Parameter
Notes
Min.
Typ.
Max.
Units
49
DALO
TROS
DALO setup time (Bus Master read)
Output Delay
30
ns
50
DALO
TROH
DALO hold time (Bus Master read)
Output Delay
30
ns
52
CS
TCSH
CS hold time
10
ns
53
CS
TCSS
CS setup time
10
ns
54
ADR
TSAH
ADR hold time
10
ns
55
ADR
TSAS
ADR setup time
10
ns
56
DAS
TSDAS
DAS input setup time (Bus slave)
10
ns
57
DAS
TSDSH
DAS input hold time (Bus slave)
10
ns
58
READY
TRDYS
READY setup time (Bus slave)
Output Delay
15
ns
59
READY
TSRYH
READY hold time after rising edge of
DAS (Bus slave read)
20
ns
60
READY
TRSH
READY setup time (Bus Master)
20
ns
61
READY
TSRS
READY hold time (Bus Master)
12
ns
62
READ
TREDS
READ setup time (Bus slave)
10
ns
63
READ
TREDH
READ hold time (Bus slave)
10
ns
64
HOLD
THLDS
HOLD setup time (Bus Master)
Output Delay
20
ns
65
HOLD
THLDH
HOLD hold time (Bus Master)
Output Delay
40
ns
MK50H25
46/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com