Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 33 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 29Page - STMicroelectronics MK50H25 Datasheet HTML 30Page - STMicroelectronics MK50H25 Datasheet HTML 31Page - STMicroelectronics MK50H25 Datasheet HTML 32Page - STMicroelectronics MK50H25 Datasheet HTML 33Page - STMicroelectronics MK50H25 Datasheet HTML 34Page - STMicroelectronics MK50H25 Datasheet HTML 35Page - STMicroelectronics MK50H25 Datasheet HTML 36Page - STMicroelectronics MK50H25 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
4.2.5 Receive Descriptor Ring Pointer
BIT
NAME
DESCRIPTION
15
RINTD
RECEIVE INTERRUPT DISABLE. Setting this bit will cause no Receive
Interrupt (RINT) to be generated upon the reception of any frame.
14:12
RLEN
RECEIVE RING LENGTH is the number of entries in the Receive
Ring expressed as a power of two.
11
RBSY
Remote Busy indication enable. Setting this bit will enable the issuance
of Remote Busy Indication primitives (PPRIM=5) upon reception of
RNR or RR frame indicating a change in the busy status of the remote.
10
RBFCS
Receive frames with Bad FCS. Setting this bit causes the MK50H25 to
receive frames with bad FCS when in Transparent Mode. The FRMRR
bit in RMD0 will be set to indicate the received frame had a bad FCS.
This bit should be set only for Transparent Mode
09
FCSER
FCSER. Setting this bit enables a separate Error Counter at IADR + 56
that will count aborted frames separately from Bad Frames Received.
08
FCSEN
Setting this bit will cause the MK50H25 to append the entire FCS of
received frames to the receive data buffer, and MCNT will reflect the
additional FCS bytes.
07:00/15:00
RDRA
RECEIVE DESCRIPTOR RING ADDRESS is the base address
(lowest address) of the Receive Descriptor Ring. The Receive De-
scriptor Address must begin on a word boundary.
4.2.6 Transmit Descriptor Ring Pointer
BIT
NAME
DESCRIPTION
15
0
Reserved, must be written as a zero.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 16
IADR + 18
RDRA<15:00>
0
RLEN
RDRA<23:16>
R
I
N
T
D
R
B
S
Y
R
B
F
C
S
F
C
S
E
R
F
C
S
E
N
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 20
IADR + 22
TDRA<15:00>
0
0
TLEN
0
TDRA<23:16>
TWD
MK50H25
33/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com