Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 1 Page - STMicroelectronics

  MK50H25 Datasheet HTML 1Page - STMicroelectronics MK50H25 Datasheet HTML 2Page - STMicroelectronics MK50H25 Datasheet HTML 3Page - STMicroelectronics MK50H25 Datasheet HTML 4Page - STMicroelectronics MK50H25 Datasheet HTML 5Page - STMicroelectronics MK50H25 Datasheet HTML 6Page - STMicroelectronics MK50H25 Datasheet HTML 7Page - STMicroelectronics MK50H25 Datasheet HTML 8Page - STMicroelectronics MK50H25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
MK50H25
HIGH SPEED
LINK LEVEL CONTROLLER
ADVANCE DATA
SECTION 1 - FEATURES
System clock rate up to 33 MHz (MK50H25 -
33), 25 MHz (MK50H25 - 25), or 16 MHz
(MK50H25 - 16).
Data
rate
up
to
20
Mbps
continuous
(MK50H25 - 33) or up to 51 Mbps bursted
On chip DMA control with programmable burst
length.
DMA transfer rate of up to 13.3 Mbytes/sec us-
ing optional 5 SYSCLK DMA cycle (150 nS) at
33 MHz SYSCLK.
Complete Level 2 implementation compatible
with X.25 LAPB, ISDN LAPD, X.32, and X.75
Protocols.
Handles all error recovery, sequencing, and S
and U frame control.
Pin-for-pin and architecturally compatible with
MK5025 (X.25/LAPD), MK5027 (CCS#7) and
MK5029(SDLC).
Buffer Management includes:
- Initialization Block
- Separate Receive and Transmit Rings
- Variable Descriptor Ring and Window Sizes.
Separate 64-byte Transmit and Receive FIFO.
Programmable Transmit FIFO hold-off water-
mark.
Handles all HDLC frame formatting:
- Zero bit insertion and deletion
- FCS (CRC) generation and detection
- Frame delimiting with flags
Programmable Single or Extended Address
and Control fields.
Five programmable timer/counters:
T1, T3,
TP, N1, N2
Programmable minimum frame spacing on
transmission
(number
of
flags
between
frames).
- Programmable from 1 to 62 flags between
frames
Selectable FCS (CRC) of 16 or 32 bits, and
passing of entire FCS to buffer.
Testing Facilities:
- Internal Loopback
- Silent Loopback
- Optional Internal Data Clock Generation
- Self Test.
Programmable for full or half duplex operation
Programmable Watchdog Timers for RCLK
and TCLK (to detect absence of data clocks)
Option causing received data to effectively be
odd-byte aligned, in addition to standard even-
byte alignment.
Available in 52 pin PLCC, 84 pin PLCC(for use
with external ROM), or 48 pin DIP packages.
SECTION 2 - INTRODUCTION
The SGS - Thomson MK502H5 Link Level Con-
troller is a VLSI semiconductor device which pro-
vides complete link level data communications
control conforming to the 1984 and 1988 CCITT
versions of X.25. The MK50H25 will perform
frame formating including: frame delimiting with
flags, transparency (so-called ”bit-stuffing”), error
recovery by retransmission, sequence number
control, S (supervisory) and U (unnumbered)
frame control, plus FCS (CRC) generation and
detection. The MK50H25 also supports X.75 and
X.32 (with its XID frame support), as well as sin-
gle channel ISDN LAPD (with its support of UI
frames and extended addressing capabilities).
July 1994
DIP48
PLCC 52
1/64


Similar Part No. - MK50H25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK50H27 STMICROELECTRONICS-MK50H27 Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
MK50H27DIP STMICROELECTRONICS-MK50H27DIP Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
MK50H27PLCC STMICROELECTRONICS-MK50H27PLCC Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
MK50H27Q STMICROELECTRONICS-MK50H27Q Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
MK50H28 STMICROELECTRONICS-MK50H28 Datasheet
429Kb / 64P
MULTI LOGICAL LINK FRAME RELAY CONTROLLER
Mar-2000
More results

Similar Description - MK50H25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
High-Speed Serial-Bus Link-Layer Controller
TSB12LV01A TI-TSB12LV01A Datasheet
267Kb / 71P
High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
logo
STMicroelectronics
MK5025 STMICROELECTRONICS-MK5025 Datasheet
2Mb / 40P
CCITT X.25 LINK LEVEL CONTROLLER
Aug-1991
logo
ATMEL Corporation
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
Single SpaceWire link High Speed Controller
logo
Texas Instruments
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
logo
List of Unclassifed Man...
HSL-HUB3 ETC2-HSL-HUB3 Datasheet
309Kb / 1P
High Speed Link Extension Modules
PCI-7853 ETC2-PCI-7853 Datasheet
238Kb / 1P
High Speed Link Master Controllers
logo
Texas Instruments
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
logo
ON Semiconductor
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com