Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 30 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 26Page - STMicroelectronics MK50H25 Datasheet HTML 27Page - STMicroelectronics MK50H25 Datasheet HTML 28Page - STMicroelectronics MK50H25 Datasheet HTML 29Page - STMicroelectronics MK50H25 Datasheet HTML 30Page - STMicroelectronics MK50H25 Datasheet HTML 31Page - STMicroelectronics MK50H25 Datasheet HTML 32Page - STMicroelectronics MK50H25 Datasheet HTML 33Page - STMicroelectronics MK50H25 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Table 3: Address and Control Field Handling By The MK50H25 Receiver In Transparent Mode
DACE
0
0
0
0
0
0
0
0
0
0
0
1
1
PROM
0
0
0
0
0
0
1
1
1
1
1
0
1
EXTA
0
0
1
1
1
1
0
0
1
1
1
X
X
EXTAF
0
0
0
1
0
1
0
0
0
1
0
X
X
EXTC
0
1
0
0
1
1
0
1
0
0
1
X
X
EXTCF
0
0
0
0
0
1
0
0
0
0
1
X
X
Address Field Handling
A filtered
A filtered
A or EA filtered
EA filtered
A or EA filtered
EA filtered
Not filtered, AA -> MEM1
Not filtered, AA ->MEM1
Not filtered, AA or EA -> MEM1
Not filtered, EA -> MEM1
Not filtered, AA or EA -> MEM1
First 2 octets always filtered
Total transparent mode
Control Field Handling
CC -> MEM1
CC or EC -> MEM1
CC -> MEM1
CC -> MEM1
CC or EC -> MEM1
EC -> MEM1
CC -> MEM2
CC or EC -> MEM2
CC -> MEM2
CC -> MEM2
EC -> MEM2
EC -> MEM1
All data after opening flag &
before FCS -> memory
NOTES:
1. MEM1 is the first location and MEM2 is the second location where received data is loaded. MEM1 and MEM2 are
each 16 bits wide.
2. C is the received, single octet, control field. CC ->MEMx means the single octet control field C is loaded into both
bytes of a 16 bit memory location. Similarly, A is a single octet address field, and AA ->MEMx means the single octet
address field A is loaded into both bytes of a 16 bit memory location.
3. EC is an extended control field (2 octets). If EXTC=1 and either of the 2 LSB’s of the control filed is 0, the control field
is considered extended, This determines whether CC or EC ->MEMx. However, when EXTCF is set to 1, the control
field is always extended
4. EA is an extended address field (2 octets). ”A or EA filtered” means that one octet of the A-field is filtered if the LSB =
1, or two octets are filtered if the LSB = 0. Similarly ”AA or EA -> MEM1” means that AA is loaded into memory if the
LSB = 0; else, EA is loaded. This conforms to HDLC rules for extended address. However, if EXTAF is set to 1, two
octets are filtered regardless of the LSB, and EA will be loaded into memory.
5. .PROM is defined in CSR2 bit 10.
6. DACE, EXTA, EXTAF, EXTC, and EXTCF are as defined in the Mode register. X = Do not care.
MK50H25
30/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com