Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H25 Datasheet(PDF) 36 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 32Page - STMicroelectronics MK50H25 Datasheet HTML 33Page - STMicroelectronics MK50H25 Datasheet HTML 34Page - STMicroelectronics MK50H25 Datasheet HTML 35Page - STMicroelectronics MK50H25 Datasheet HTML 36Page - STMicroelectronics MK50H25 Datasheet HTML 37Page - STMicroelectronics MK50H25 Datasheet HTML 38Page - STMicroelectronics MK50H25 Datasheet HTML 39Page - STMicroelectronics MK50H25 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
11
UIR
UI Received indicates a UI frame has been received and is in this buffer.
10
FRMRR
FRMR Received indicates the I-field of a FRMR is stored in this buffer.
In Transparent mode with RBFCS=1 (IADR+16) it indicates received
frame referenced by this Message Descriptor has a bad FCS.
09
RADR
Valid only in Transparent Mode with address filtering enabled, RADR
indicates which of the 2 programmable addresses the frame matched.
If set, the received address field matched the value in the Local Ad-
dress field of the Initialization Block. Otherwise it matched the value in
the Remote Address field.
08
RPF
Valid only for UI, XID, and TEST frames. RPF equals the state of the P
or F bit for the received frame.
07:00
RBADR
The High Order 8 address bits of the buffer pointed to by this descriptor.
This field is written by the Host and unchanged by MK50H25.
4.3.1.2 Receive Message Descriptor 1 (RMD1)
BIT
NAME
DESCRIPTION
15:01
RBADR
The low order 16 address bits of the receive buffer pointed to by this
descriptor. RBADR is written by the Host CPU and unchanged by
MK50H25. The receive buffers must be word aligned.
4.3.1.3 Receive Message Descriptor 2 (RMD2)
BIT
NAME
DESCRIPTION
15:00
BCNT
Buffer Byte Count is the length of the buffer pointed to by this
descriptor expressed in two’s complement. This field is written to by
the Host and unchanged by MK50H25. The value of BCNT must be
an even number.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
RBADR<15:00>
0
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
BCNT<15:00>
0
MK50H25
36/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com