Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 15 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 11Page - STMicroelectronics MK50H28DIP Datasheet HTML 12Page - STMicroelectronics MK50H28DIP Datasheet HTML 13Page - STMicroelectronics MK50H28DIP Datasheet HTML 14Page - STMicroelectronics MK50H28DIP Datasheet HTML 15Page - STMicroelectronics MK50H28DIP Datasheet HTML 16Page - STMicroelectronics MK50H28DIP Datasheet HTML 17Page - STMicroelectronics MK50H28DIP Datasheet HTML 18Page - STMicroelectronics MK50H28DIP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
1
1
111
10
0
1
1
110
00
1
0
1
111
11
0
0
1
01
0
001
1
0
0
00
0
000
0
1
01
0
011
2
CURRENT SEQ
LAST RCVD SEQ
MANAGEMENT DLCI
UN-NUMBERED INFO FRAME
PROTOCOL DISCRIMINATOR
CALL REFERENCE (null)
STA TUS MESSAGE
REPORT_TY PE IE
(Full STAT US Message)
Link Integrity Verification IE
8
7
654321
FCS (msb)
FCS (lsb)
0
1
111
11
0
FRAME FCS
0
0
00
0
011
0
0
00
1
000
0
0
00
0
000
0
1
11
1
101
0
1
010
11
1
3
PVC DLCI (msb)
PVC DLCI (lsb)
PVC_STATUS IE
00
1
0
0
0
1
0
00N
0
A
0
Figure 5: Sample Annex A STATUS Frame (Full)
11
1
1
11
0
0
11
1
1
00
0
1
01
1
1
11
1
0
00
0
0
00
1
1
00
0
0
10
0
0
00
0
0
00
0
0
01
1
1
01
0
1
01
0
1
00
0
1
1
00
0
0
00
0
1
01
0
1
00
1
1
2
CURRENT SEQ
LAST RCVD SEQ
FCS (msb)
FCS (lsb)
01
1
1
11
1
0
MANAGEMENT DLCI
UN-NUMBERED INFO FRAME
PROTOCOL DISCRIMINATOR
CALL REFERENCE (null)
STATUS_ENQUIRY MESSAGE
REPORT_TYPE IE
(Requesting a LIV Only
STATUS Message)
Link Integrity Verification IE
FRAME FCS
8
7
6
5
43
21
Figure 4: Sample Annex A STATUS_ENQUIRY Frame
MK50H28
15/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com