Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 35 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 31Page - STMicroelectronics MK50H28DIP Datasheet HTML 32Page - STMicroelectronics MK50H28DIP Datasheet HTML 33Page - STMicroelectronics MK50H28DIP Datasheet HTML 34Page - STMicroelectronics MK50H28DIP Datasheet HTML 35Page - STMicroelectronics MK50H28DIP Datasheet HTML 36Page - STMicroelectronics MK50H28DIP Datasheet HTML 37Page - STMicroelectronics MK50H28DIP Datasheet HTML 38Page - STMicroelectronics MK50H28DIP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
4.2.5a Transmit and Receive Interrupt Descriptor Rings
The MK50H28 has two descriptor ring structures for the purpose of queuing Transmit and Receive inter-
rupts. The pointers to these two descriptor rings are located at IADR+24 through IADR+30. These de-
scriptor rings consist of 128 entries. Each entry consists of two 16-bit words containing the 24-bit ad-
dress of the Contest Table entry (XCTADR, RCTADR)corresponding to the interrupt, a 7-bit field for the
descriptor index (CURXD, CURRD) into the associated descriptor ring, and a SRVC bit to indicate
whether the interrupt has been serviced. No entry will be made in the Receive Interrupt Descriptor Ring
(nor will interrupt be generated) if bit RINTD (CTADR+12 <10>) is set; likewise for TINTD (TMD0<08>).
4.2.5a.1 Transmit Interrupt Descriptor Ring Entry
BIT
NAME
DESCRIPTION
15
SRVC
This bit is set by the MK50H28 when it writes an interrupt to the Interrupt Descriptor Ring
and should be cleared by the host when it Services the interrupt. If it attempts to write TX
interrupt information to a Transmit Interrupt Ring entry for which SRVC is not clear , the
MK50H28 will issue PPRIM 7 with PPARM=0 (Tx Int MISS) in addition to giving TINT.
14:08
CURXD
Specifies the current transmit descriptor (0-127) at the time the interrupt ocurred.
07:00/15:00
XCTADR
Transmit Context Table Address. Indicates address of the CT entry at the time the
interrupt ocurred. NOTE: XCTADR specifies which CT entry, and CURXD specifies the
descriptor within the Tx Ring associated with the CT entry for which the interrupt ocurred.
4.2.5a.2 Receive Interrupt Descriptor Ring Entry
BIT
NAME
DESCRIPTION
15
SRVC
This bit is set by the MK50H28 when it writes an interrupt to the Interrupt Descriptor Ring
and should be cleared by the host when it Services the interrupt. The MK50H28 will issue
PPRIM 7 with PPARM=1(Rx Int MISS) in addition to RINT, and it will discard the received
frame if it is unable to write to the Rececive Interrupt ring due to SRVC not being clear.
14:08
CURRD
Specifies the current receive descriptor (0-127) at the time the interrupt ocurred.
07:00/15:00
RCTADR
Receive Context Table Address. Indicates address of the CT entry at the time the
interrupt ocurred. NOTE: RCTADR specifies the CT entry, and CURRD specifies the
descriptor within the Rx Ring associated with the CT entry for which the interrupt ocurred.
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
TINTMD0
TINTMD1
XCTADR<15:00>
XCTADR<23:16>
0
CURXD (0-127)
S
R
V
C
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
RINTMD0
RINTMD1
RCTADR<15:00>
RCTADR<23:16>
0
CURRD (0-127)
S
R
V
C
MK50H28
35/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com