Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 48 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 44Page - STMicroelectronics MK50H28DIP Datasheet HTML 45Page - STMicroelectronics MK50H28DIP Datasheet HTML 46Page - STMicroelectronics MK50H28DIP Datasheet HTML 47Page - STMicroelectronics MK50H28DIP Datasheet HTML 48Page - STMicroelectronics MK50H28DIP Datasheet HTML 49Page - STMicroelectronics MK50H28DIP Datasheet HTML 50Page - STMicroelectronics MK50H28DIP Datasheet HTML 51Page - STMicroelectronics MK50H28DIP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
4.4.5 Receiving LMI Frames
The following procedure should be performed to receive the LMI frames:
1. Whenever a LMI frame is received the MK50H28 issues a PPRIM of 13. In response to that the
host may look at the PPARM field to identify the frame type received
2. Except for the DLCI header field all of the data field will be placed in the receive buffer(s).
3. For LMI frames received, bits 9-11 in RMD0 of the receive descriptor will indicate the type of LMI
frame received. A setting of 000 indicates a received SVC frame or Transparent Mode frame.
4. In Non-Auto-LMI mode of operation, LMI frames received on the LMI Channel (typically DLCI 0)
will be written into the receive buffer as Transparent or SVC frames.
4.4.6 Link Congestion
1. The host determines congestion on a link. One way it can do is through the congestion statistics
and counters in the CT.
2. The host will set TXCONG and/or RXCONG for transmit and receive congestions.
3. If TXCONG is set the MK50H28 will not transmit any frames with DE=1 for that link.
4. If RXCONG is set any frames received with DE = 1 will be discarded. The frame discarded
counter in the CT will keep track of the frames with DE = 1 discarded during congestion. If this
still does not help congestion, the host can clear the RXRDY bit. Then all the frames received on
that link will be discarded. The MK50H28 will set RXMISS bit in the CT and will generate a
MISS interrupt if INEA = 1 in the CSR 0.
5. When a channel comes out of congestion, the host should clear TXCONG, RXCONG and
RXMISS bits in the CT.
4.4.7 Transmitting the LMI Frames (non-Auto LMI)
The following procedure should be performed to transmit the LMI frames:
1. The MK50H28 (user) sends the STATUS_ENQUIRY frame to the network using UPRIM = 10. A
UPRIM of 10 with UPARM of 0 should be issued by the user to request Full STATUS frame from
the network. For Sequence Numbers Exchange only a UPRIM of 10 with UPARM of 1 should
be issued by the user.
2. The MK50H28 (network) sends the UPDATE_STATUS frame to the user using UPRIM of 12 with
UPARM of 0. In order to transmit Optional Information Elements (MULTICAST_STATUS and
PVC_STATUS), the host should place this information in the LMI Transmit Buffer(s).
3. The MK50H28 (network) will send the STATUS frame to the user when a UPRIM of 11 is issued.
A UPRIM of 12 with UPARM of 0 causes the transmission of a Full STATUS frame. The Optional
Information Elements (PVC_STATUS and may be MULTICAST_STATUS) should be placed in
the LMI transmit buffer(s). A UPRIM of 12 with UPARM of 1 sends only the Sequence Number
information to the user.
NOTE: The host can use LMI Frame transmission provider primitive 12 to start nT1/T391 or
nT2/T392 timers.
4.4.8 Transparent Transmission of Frames from LMI Buffer
The following procedure should be performed to transmit the LMI frames:
1. Follow the steps outlined in Programming Procedure 4.4.3 for sending data from any DLCI.
1. Set the bit XTRAN=1 in the Context Table 0 entry (the LMI CT entry).
2. Issue the Send LMI primitive 14. (See UPRIM14 and XTRAN descriptions for more details).
4.4.9 Transmission of Frames From Higher Priority DLCI(s)
1. Set up the Priority DLCI Block contiguous with the end of the Initialization Block.
2. Input appropriate index (indices) to the desired Context Table entry and set the ACTIVE bit.
3. Set the PTDMD bit in CSR0 (bit 15). See section 4.2.9 for more details.
MK50H28
48/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com