Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 20 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 16Page - STMicroelectronics MK50H28DIP Datasheet HTML 17Page - STMicroelectronics MK50H28DIP Datasheet HTML 18Page - STMicroelectronics MK50H28DIP Datasheet HTML 19Page - STMicroelectronics MK50H28DIP Datasheet HTML 20Page - STMicroelectronics MK50H28DIP Datasheet HTML 21Page - STMicroelectronics MK50H28DIP Datasheet HTML 22Page - STMicroelectronics MK50H28DIP Datasheet HTML 23Page - STMicroelectronics MK50H28DIP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
UPRIM
< 3:0 >
PPRIM
< 3:0 >
U
E
R
R
U
A
V
P
A
V
P
L
O
S
T
U
P
A
R
M
:
P
P
A
R
M
1
0
:
1
0
4.1.2.2 Control and Status Register 1 (CSR1)
RAP <3:1> = 133/
BIT
NAME
DESCRIPTION
15
UERR
USER PRIMITIVE ERROR is set by the MK50H28 when a primitive is issued by the
user which is in conflict with the current status of the chip. UERR is READ/CLEAR
ONLY and is set by MK50H28 and cleared by writing a ”1” into the bit. Writing a ”0” in
this bit has no effect. It is also cleared by Bus RESET.
14
UAV
USER PRIMITIVE AVAILABLE is set by the user when a primitive is written into UPRIM.
It is cleared by the MK50H28 after the primitive has been processed. This bit is also
cleared by a Bus RESET.
13:12
UPARM
USER PARAMETER is written by the host in conjunction with the user primitives in
UPRIM. This User Parameter field provides information to the MK50H28 concerning the
corresponding user primitive. NOTE: For all primitives UPARM = 0 unless otherwise
indicated.
11:08
UPRIM
USER PRIMITIVE is written by the user, in conjunction with setting UAV, to control the
MK50H28 link procedures. The following primitives are available:
0
Stop: Causes MK50H28 to enter the STOPPED Phase. All link activity is terminated
and the STOP bit is set. All DMA activity ceases. The transmitter outputs all ones, and all
received data is ignored.
1
Start: Instructs the MK50H28 to exit the STOPPED Phase and enter the INFORMATION
TRANSFER Phase. The Context Table and the Descriptor Rings are Reset. The
transmitter begins to output flags. The Start primitive is valid only after the device is
initialized (Init Request performed.) If the Auto LMI primitive is not issued after a Start
primitive, then the only way to transmit LMI frames is through the use of LMI
primitives (10, 11, 12, & 14), and processing is performed on received LMI frames,
but no automatic response or action is taken. Valid only in STOPPED phase.
2
Init Request: Instructs the MK50H28 to read the Initialization Block from memory. This
should be performed prior to the Start primitive or Transparent primitive after a bus reset
or power-up. Valid only in STOPPED phase.
3
Transparent Mode: Instructs the device to exit the STOPPED Phase, enter the
TRANSPARENT Phase, and reset the Context Table and Descriptor Rings. No header
stripping or pre-pending is done for any DLCI channel, and no automatic LMI processing
is possible in this mode. All frames are received to Context Table entry 0 associated
descriptor ring and buffers, and the RTAN bit in CT0 should be set so that the entire
received frame will be written to the buffer. Transmission of frames can occur from
any Context Table entry, including CT0, and the XTRAN bit should be set so that
only the data in the buffer will be transmitted for the entire frame. This primitive is only
valid after device Initialization (Init Request performed). Valid only in STOPPED phase.
4
Status Request: Instructs the MK50H28 to write the current chip status into the
STATUS BUFFER. Valid in all states, but only after the Init primitive has been previously
issued.
5
Self-Test Request: Instructs the MK50H28 to perform the built in internal self test. Valid
only in the STOPPED Phase. See section 4.4.10 for the self test procedure.
MK50H28
20/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com