Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 36 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 32Page - STMicroelectronics MK50H28DIP Datasheet HTML 33Page - STMicroelectronics MK50H28DIP Datasheet HTML 34Page - STMicroelectronics MK50H28DIP Datasheet HTML 35Page - STMicroelectronics MK50H28DIP Datasheet HTML 36Page - STMicroelectronics MK50H28DIP Datasheet HTML 37Page - STMicroelectronics MK50H28DIP Datasheet HTML 38Page - STMicroelectronics MK50H28DIP Datasheet HTML 39Page - STMicroelectronics MK50H28DIP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
4.2.6a Address Lookup Table (ALT)
The ALT can support a maximum of 1024 or 8192 active DLCIs depending upon the setting of the
DLCI1K bit in CSR2. Each channel needs a word (= 2 bytes) in the ALT. (NOTE: The ALT is only used
by the receive process)
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
00
Index to Context Table
00
Index to Context Table
DLCI = 0
DLCI = 1
MSB
LSB
DLCI = Max
00
Index to Context Table
00
Index to Context Table
DLCI = 1024
A
C
T
V
E
A
C
T
V
E
A
C
T
V
E
A
C
T
V
E
BIT
NAME
DESCRIPTION
0
ACTIVE
This bit is set by the host if the corresponding DLCI is active. If this bit is not set, the data
received for the DLCI will be ignored by the MK50H28. This bit is only used by the receive
process.
14:13
0
Reserved. Must be written as zeros.
15:03
Index to CT
13-bit index to Context Table.
4.2.6 Address Lookup Table (ALT) Address
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 20
IADR + 22
ALTADR <15:00>
0
ALTADR <23:16>
1
5
RESERVED
BIT
NAME
DESCRIPTION
15:08
0
Reserved, must be written as a zero.
07:00/15:00
ALTADR
ADDRESS LOOKUP TABLE ADDRESS. The ALT Address must begin on a word
boundary.
MK50H28
36/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com