Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 40 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 36Page - STMicroelectronics MK50H28DIP Datasheet HTML 37Page - STMicroelectronics MK50H28DIP Datasheet HTML 38Page - STMicroelectronics MK50H28DIP Datasheet HTML 39Page - STMicroelectronics MK50H28DIP Datasheet HTML 40Page - STMicroelectronics MK50H28DIP Datasheet HTML 41Page - STMicroelectronics MK50H28DIP Datasheet HTML 42Page - STMicroelectronics MK50H28DIP Datasheet HTML 43Page - STMicroelectronics MK50H28DIP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
4.3.1.2 Receive Message Descriptor 0 (RMD0) For LMI Channel (Contimued)
BIT
NAME
DESCRIPTION
14
EOR
End Of Ring. Setting this bit to 1 indicates that this is the last descriptor in the ring.
13
0
Reserved. Must be written as zero.
12
ELF
End of Long Frame indicates that this is the last buffer used by the MK50H28 for this
frame. ELF=0 indicates that this buffer is one in a chain. ELF=1 indicates the end of the
buffer chain. ELF is set by the MK50H28. When not chaining, ELF will always be one.
11:09
LMI Frame
Type
Received
These bits define the type of frame received, as detailed in the following table:
Bit Encoding (MSB - LSB)
Frame Type
000
SVC Frame or Transparent Mode frame
001
Reserved
010
Full Status Enquiry frame
011
Status Enquiry frame (LIV only)
100
Asynchronous Status Frame
101
Update Status frame
110
Full Status frame
111
Status frame (LIV only)
08
FRER
Frame in Error Bit. This bit is valid only if RBFRS is set in CSR 2. This bit will be set by
the MK50H28 only if an aborted or a bad FCS frame is received.
07:00
RBADR
The High Order 8 address bits of the buffer pointed to by this descriptor. This field is
written by the Host and unchanged by MK50H28.
4.3.1.3 Receive Message Descriptor 1 (RMD1)
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
RBADR<15:00>
0
BIT
NAME
DESCRIPTION
15:01
RBADR
The low order 16 address bits of the receive buffer pointed to by this descriptor.
RBADR is written by the Host CPU and unchanged by MK50H28. The receive buffers
must be word aligned.
MK50H28
40/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com