Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28DIP Datasheet(PDF) 28 Page - STMicroelectronics

Part # MK50H28DIP
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 24Page - STMicroelectronics MK50H28DIP Datasheet HTML 25Page - STMicroelectronics MK50H28DIP Datasheet HTML 26Page - STMicroelectronics MK50H28DIP Datasheet HTML 27Page - STMicroelectronics MK50H28DIP Datasheet HTML 28Page - STMicroelectronics MK50H28DIP Datasheet HTML 29Page - STMicroelectronics MK50H28DIP Datasheet HTML 30Page - STMicroelectronics MK50H28DIP Datasheet HTML 31Page - STMicroelectronics MK50H28DIP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
4.2.1 Mode Register
The Mode Register allows alteration of the MK50H28’s operating parameters.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
LBACK
<2:0>
MFS
<4:0>
IADR + 00
C
S
S
F
D
R
F
C
S
D
T
F
C
S
0000
0
BIT
NAME
DESCRIPTION
15:11
MFS<4:0>
Minimum Frame Spacing defines the minimum number of flag sequences transmitted
between adjacent frames transmitted by the MK50H28. This only affects frames
transmitted by the MK50H28 and does not restrict the spacing of the
frames received by the MK50H28.
When using RTS/CTS control this field defines
the number of flags transmitted at the beginning of the frame after CTS is driven
low (minus one for the trailing flag). See the following table for encoding of this field.
10:06
0
Reserved. Must be written as zeros.
05
DRFCS
Disable Receiver FCS (CRC). When DRFCS = 0, the receiver will extract and check the
FCS field at the end of each frame. When DRFCS = 1, the receiver continues to extract
the last 16 or 32 bits of each frame, depending on FCSS, but no check is performed to
determine whether the FCS is correct. If the received frame is an even number of
bytes, the first 16 bits of the FCS will be appended to the end (as indicated by MCNT) of
the receive buffer data.
04
DTFCS
Disable Transmitter FCS. When DTFCS=0, the transmitter will generate and append the
FCS to each signal unit. When DTFCS = 1, the FCS logic is disabled, and no FCS is
generated with transmitted frames. Setting DTFCS = 1 is useful in loopback testing for
checking the ability of the receiver to detect an incorrect FCS.
03
FCSS
FCS Select. When FCSS = 1, a 16-bit FCS is selected otherwise a 32-bit FCS is used.
NUMBER OF FLAGS
MFS<4:0>
NUMBER OF FLAGS
MFS<4:0>
1
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1
0
2
4
9
18
5
11
22
12
25
19
7
15
31
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
28
24
17
3
6
13
27
23
14
29
26
21
10
20
8
16
MK50H28
28/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com