Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp AT45DB021E Datasheet HTML 29Page - Renesas Technology Corp AT45DB021E Datasheet HTML 30Page - Renesas Technology Corp AT45DB021E Datasheet HTML 31Page - Renesas Technology Corp AT45DB021E Datasheet HTML 32Page - Renesas Technology Corp AT45DB021E Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 29
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
10.2.1
Programming the Security Register
The user programmable portion of the Security Register does not need to be erased before it is programmed.
To program the Security Register, a 4-byte opcode sequence of 9Bh, 00h, 00h, and 00h must be clocked into the
device. After the last bit of the opcode sequence has been clocked into the device, the data for the contents of the
64-byte user programmable portion of the Security Register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. The programming of the Security Register must take place in a time of tP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down during the
program cycle, then the contents of the 64-byte user programmable portion of the Security Register cannot be
guaranteed.
If the full 64 bytes of data are not clocked in before the CS pin is deasserted, then the values of the byte locations
not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete 64 bytes, then the remaining 62 bytes of
the user programmable portion of the Security Register cannot be guaranteed. Furthermore, if more than 64 bytes
of data is clocked into the device, then the data wraps back around to the beginning of the register. For example,
if 65 bytes of data are clocked in, then the 65th byte is stored at byte location 0 of the Security Register.
Warning: The user programmable portion of the Security Register can only be programmed one time. Therefore,
it is not possible, for example, to only program the first two bytes of the register and then program the remaining
62 bytes at a later time.
The Program Security Register command uses the internal buffer for processing. Therefore, the contents of the
Buffer is altered from its previous state when this command is issued.
Figure 14. Program Security Register
10.2.2
Reading the Security Register
To read the Security Register, an opcode of 77h and three dummy bytes must be clocked into the device. After the
last dummy bit has been clocked in, the contents of the Security Register can be clocked out on the SO pin. After
the last byte of the Security Register has been read, additional pulses on the SCK pin result in undefined data
being output on the SO pin.
Deasserting the CS pin terminates the Read Security Register operation and put the SO pin into a high-
impedance state.
Figure 15. Read Security Register
Data
n
9Bh
00h
00h
00h
Data
n + 1
Data
n + 63
CS
SI
Each transition represents eight bits
77h
XX
XX
XX
Data
n
Data
n + 1
CS
Data
n + x
SI
SO
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com