Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 13Page - Renesas Technology Corp AT45DB021E Datasheet HTML 14Page - Renesas Technology Corp AT45DB021E Datasheet HTML 15Page - Renesas Technology Corp AT45DB021E Datasheet HTML 16Page - Renesas Technology Corp AT45DB021E Datasheet HTML 17Page - Renesas Technology Corp AT45DB021E Datasheet HTML 18Page - Renesas Technology Corp AT45DB021E Datasheet HTML 19Page - Renesas Technology Corp AT45DB021E Datasheet HTML 20Page - Renesas Technology Corp AT45DB021E Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 17
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and eight address bits
(A7 - A0) that selects the first byte in the Buffer to be written. After all address bytes are clocked in, the device
takes data from the input pin (SI) and stores it in the Buffer. Any number of bytes (1 to 256) can be entered. If the
end of the Buffer is reached, then the device wraps around back to the beginning of the Buffer. When using the
binary page size, the page and buffer address bits correspond to an 18-bit logical address (A17-A0) in the main
memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin starts the program
operation in which the device programs the data stored in the Buffer into the main memory array. Only the data
bytes that were clocked into the device are programmed into the main memory.
Example: If only two data bytes were clocked into the device, then only two bytes are programmed into main
memory and the remaining bytes in the memory page remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise the operation is aborted
and no data is programmed. The programming of the data bytes is internally self-timed and must take place in a
maximum time of tP (the program time is a multiple of the tBP time depending on the number of bytes being
programmed). During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
8.6
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the
Buffer to Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program
through Buffer command to be used at a later time.
To perform a Page Erase with the standard DataFlash page size (264 bytes), an opcode of 81h must be clocked
into the device followed by three address bytes comprised of five dummy bits, 10 page address bits (PA9 - PA0)
that specify the page in the main memory to be erased, and nine dummy bits.
To perform a Page Erase with the binary page size (256 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of six dummy bits, 10 page address bits (A17 - A8) that specify the
page in the main memory to be erased, and eight dummy bits.
When a low-to-high transition occurs on the CS pin, the device erases the selected page (the erased state is a
Logic 1). The erase operation is internally self-timed and must take place in a maximum time of tPE. During this
time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
8.7
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (264 bytes), an opcode of 50h must be clocked
into the device followed by three address bytes comprised of five dummy bits, seven page address bits (PA9 -
PA3), and 12 dummy bits. The seven page address bits are used to specify which block of eight pages is to be
erased.
To perform a Block Erase with the binary page size (256 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of six dummy bits, seven page address bits (A17 - A11), and 11
dummy bits. The seven page address bits are used to specify which block of eight pages is to be erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com