Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 9Page - Renesas Technology Corp AT45DB021E Datasheet HTML 10Page - Renesas Technology Corp AT45DB021E Datasheet HTML 11Page - Renesas Technology Corp AT45DB021E Datasheet HTML 12Page - Renesas Technology Corp AT45DB021E Datasheet HTML 13Page - Renesas Technology Corp AT45DB021E Datasheet HTML 14Page - Renesas Technology Corp AT45DB021E Datasheet HTML 15Page - Renesas Technology Corp AT45DB021E Datasheet HTML 16Page - Renesas Technology Corp AT45DB021E Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 13
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
7.
Continuous Array Read (High Frequency Mode: 0Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by fCAR1. To perform a Continuous Array Read using the standard
DataFlash page size (264 bytes), the CS pin must first be asserted, and then an opcode of 0Bh must be clocked
into the device followed by three address bytes and one dummy byte. The first 10 bits (PA9 - PA0) of the 19-bit
address sequence specify which page of the main memory array to read and the last nine bits (BA8 - BA0) of the
19-bit address sequence specify the starting byte address within the page. To perform a Continuous Array Read
using the binary page size (256 bytes), the opcode 0Bh must be clocked into the device followed by three address
bytes (A17 - A0) and one dummy byte. Following the dummy byte, additional clock pulses on the SCK pin result in
data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy byte, and the
reading of data. When the end of a page in the main memory is reached during a Continuous Array Read, the
device continues reading at the beginning of the next page with no delays incurred during the page boundary
crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the
main memory array has been read, the device continues reading back at the beginning of the first page of
memory. As with crossing over page boundaries, no delays are incurred when wrapping around from the end of
the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
7.1
Continuous Array Read (Low Frequency Mode: 03h Opcode)
This command is used to read the main memory array sequentially at lower clock frequencies, up to the maximum
specified by fCAR2. Unlike the previously described read commands, this command for lower clock frequencies
does not require the clocking in of dummy bytes after the address byte sequence. To perform a Continuous Array
Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted, and then an opcode
of 03h must be clocked into the device followed by three address bytes (which comprise the 24-bit page and byte
address sequence). The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify which page of the main
memory array to read, and the last nine bits (BA8 - BA0) of the 19-bit address sequence specify the starting byte
address within the page. To perform a Continuous Array Read using the binary page size (256 bytes), the opcode
03h must be clocked into the device followed by three address bytes (A17 - A0). Following the address bytes,
additional clock pulses on the SCK pin result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR2 specification. The
Continuous Array Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
7.2
Continuous Array Read (Low Power Mode: 01h Opcode)
This command is ideal for applications that want to minimize power consumption and do not need to read the
memory array at high frequencies. Like the 03h opcode, this Continuous Array Read command allows reading the
main memory array sequentially without the need for dummy bytes to be clocked in after the address byte
sequence. The memory can be read at clock frequencies up to maximum specified by fCAR3. To perform a
Continuous Array Read using the standard DataFlash page size (264 bytes), the CS pin must first be asserted,
and then an opcode of 01h must be clocked into the device followed by three address bytes (which comprise the
24-bit page and byte address sequence). The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com