Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 4Page - Renesas Technology Corp AT45DB021E Datasheet HTML 5Page - Renesas Technology Corp AT45DB021E Datasheet HTML 6Page - Renesas Technology Corp AT45DB021E Datasheet HTML 7Page - Renesas Technology Corp AT45DB021E Datasheet HTML 8Page - Renesas Technology Corp AT45DB021E Datasheet HTML 9Page - Renesas Technology Corp AT45DB021E Datasheet HTML 10Page - Renesas Technology Corp AT45DB021E Datasheet HTML 11Page - Renesas Technology Corp AT45DB021E Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 8
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
WP
Write Protect:
When the WP pin is asserted, all sectors specified for protection by the Sector Protection
Register are protected against program and erase operations regardless of whether the
Enable Sector Protection command has been issued or not. The WP pin functions
independently of the software controlled protection method. After the WP pin goes low, the
contents of the Sector Protection Register cannot be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the
device simply ignores the command and performs no operation. The device returns to the
idle state once the CS pin has been deasserted. The Enable Sector Protection command
and the Sector Lockdown command are recognized by the device when the WP pin is
asserted.
The WP pin is internally pulled-high and can be left floating if hardware controlled
protection is not used. However, it is recommended that the WP pin also be externally
connected to VCC whenever possible.
Low
Input
RESET
Reset:
A low state on the reset pin (RESET) terminates the operation in progress and resets the
internal state machine to an idle state. The device remains in the reset condition as long as
a low level is present on the RESET pin. Normal operation can resume once the RESET
pin is brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on
the RESET pin during power-on sequences. If this pin and feature is not used, then it is
recommended that the RESET pin be driven high externally.
Low
Input
VCC
Device Power Supply:
The VCC pin is used to supply the source voltage to the device. Operations at invalid VCC
voltages can produce spurious results and must not be attempted.
—
Power
GND
Ground:
The ground reference for the power supply. GND must be connected to the system
ground.
—
Ground
Table 1. Pin Configurations (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com