Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 33Page - Renesas Technology Corp AT45DB021E Datasheet HTML 34Page - Renesas Technology Corp AT45DB021E Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 37
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
14. Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in the system. The identification method and the command opcode comply with the JEDEC
Standard for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory
Devices”. The type of information that can be read from the device includes the JEDEC-defined Manufacturer ID,
the vendor-specific Device ID, and the vendor-specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all
Flash devices are capable of operating at very high clock frequencies, applications must be designed to read the
identification information from the devices at a reasonably low clock frequency to ensure that all devices to be
used in the application can be identified properly. Once the identification process is complete, the application can
then increase the clock frequency to accommodate specific Flash devices that are capable of operating at the
higher clock frequencies.
To read the identification information, the CS pin must first be asserted, and then the opcode 9Fh must be clocked
into the device. After the opcode has been clocked in, the device begins outputting the identification data on the
SO pin during the subsequent clock cycles. The first byte to be output is the Manufacturer ID, followed by two
bytes of the Device ID information. The fourth byte output is the Extended Device Information (EDI) String Length,
which is 01h, indicating that one byte of EDI data follows. After the one byte of EDI data is output, the SO pin goes
into a high-impedance state; therefore, additional clock cycles have no affect on the SO pin and no data are
output. As indicated in the JEDEC Standard, reading the EDI String Length and any subsequent data is optional.
Deasserting the CS pin terminates the Manufacturer and Device ID Read operation and put the SO pin into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be
read.
Table 22. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Byte 1)
23h
3
Device ID (Byte 2)
00h
4
Extended Device Information (EDI) String Length
01h
5
[Optional to Read] EDI Byte 1
00h
Table 23. Manufacturer and Device ID Details
Data Type
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC code: 0001 1111
(1Fh for Renesas Electronics)
0
0
0
111
11
Device ID (Byte 1)
Family Code
Density Code
23h
Family code: 001 (AT45Dxxx Family)
Density code: 00011 (2-Mbit)
0
0
1
000
11
Device ID (Byte 2)
Sub Code
Product Variant
00h
Sub code: 000 (Standard Series)
Product variant: 00000
0
0
0
000
00
Table 24. EDI Data
Byte
Number
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
5
RFU
Device Revision
00h
RFU: Reserved for Future Use
Device revision: 00000 (Initial Version)
000
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com