Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp AT45DB021E Datasheet HTML 29Page - Renesas Technology Corp AT45DB021E Datasheet HTML 30Page - Renesas Technology Corp AT45DB021E Datasheet HTML 31Page - Renesas Technology Corp AT45DB021E Datasheet HTML 32Page - Renesas Technology Corp AT45DB021E Datasheet HTML 33Page - Renesas Technology Corp AT45DB021E Datasheet HTML 34Page - Renesas Technology Corp AT45DB021E Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 32
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
1. R = Read only.
11.4.1
RDY/BUSY Bit
The RDY/BUSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BUSY bit to detect the completion of an internally timed operation, new Status Register
data must be continually clocked out of the device until the state of the RDY/BUSY bit changes from a Logic 0 to a
Logic 1 to indicate completion.
11.4.2
COMP Bit
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using the COMP bit. If
the COMP bit is a Logic 1, then at least one bit of the data in the Main Memory Page does not match the data in
the Buffer.
11.4.3
DENSITY Bits
The device density is indicated using the DENSITY bits. For the AT45DB021E, the four bit binary value is 0101.
The decimal value of these four binary bits does not actually equate to the device density; the four bits represent a
combinational code relating to differing densities of DataFlash devices. The DENSITY bits are not the same as the
density code indicated in the JEDEC Device ID information. The DENSITY bits are provided only for backward
compatibility to older generation DataFlash devices.
11.4.4
PROTECT Bit
The PROTECT bit provides information to the user on whether or not the sector protection has been enabled or
disabled, either by the software-controlled method or the hardware-controlled method.
11.4.5
PAGE SIZE Bit
The PAGE SIZE bit indicates whether the Buffer size and the page size of the main memory array is configured for
the “power of 2” binary page size (256 bytes) or the standard DataFlash page size (264 bytes).
11.4.6
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the Logic
1 state. The EPE bit is not set if an erase or program operation aborts for any reason, such as an attempt to erase
or program a protected region. The EPE bit is updated after every erase and program operation.
11.4.7
SLE Bit
The SLE bit indicates whether or not the Sector Lockdown command is enabled or disabled. If the SLE bit is a
Logic 1, then the Sector Lockdown command is still enabled and sectors can be locked down. If the SLE bit is a
Logic 0, then the Sector Lockdown command has been disabled and no further sectors can be locked down.
Table 20. Status Register Format – Byte 2
Bit
Name
Type[1]
Description
7
RDY/BUSY
Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
RES
Reserved for Future Use
R
0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
RES
Reserved for Future Use
R
0
Reserved for future use.
3
SLE
Sector Lockdown Enabled
R
0
Sector Lockdown command is disabled.
1
Sector Lockdown command is enabled.
2
RES
Reserved for Future Use
R
0
Reserved for future use.
1
RES
Reserved for Future Use
R
0
Reserved for future use.
0
RES
Reserved for Future Use
R
0
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com