Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp AT45DB021E Datasheet HTML 68Page - Renesas Technology Corp AT45DB021E Datasheet HTML 69Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 69 / 69 page
background image
DS-AT45DB021E-8789 Rev. N
Page 69
3/24/26
© 2012-2026 Renesas Electronics
AT45DB021E Datasheet
8789L
08/2022
Applied Renesas Corporate Template to document.
Added the following sentence to the description of CS in Table 1: “To ensure correct power-up
sequencing, it is recommended to add a 10k Ohm pull-up resistor from CS to VCC. This ensures CS
ramps together with VCC during power-up.”
8789M
04/2024
Changed note from below Table 34 from: “All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by
design to be 5V tolerant.” to “All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by design to be
5 V tolerant; however, usage of 5V tolerance for extended periods can effect device reliability.”
Removed empty Section 32. Errata.
Updated/corrected the Ordering Information in Section 29.
Updated PODs in Section 30.
8789N
03/2026
Updated Figure 1 ‘Pinouts.’
Updated Section 30.2 ‘8-lead 208-mil EIAJ SOIC.’
Added new 8-Ball, 1.879 x 1.395 x 0.520 mm WLCSP to Section 30.4.
Marked Section 30.5 ‘8-Ball (2 x 4 Array) Wafer Level Chip Scale Package’ as (EOL).
Doc. Rev.
Date
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com