Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 10Page - STMicroelectronics MK68564 Datasheet HTML 11Page - STMicroelectronics MK68564 Datasheet HTML 12Page - STMicroelectronics MK68564 Datasheet HTML 13Page - STMicroelectronics MK68564 Datasheet HTML 14Page - STMicroelectronics MK68564 Datasheet HTML 15Page - STMicroelectronics MK68564 Datasheet HTML 16Page - STMicroelectronics MK68564 Datasheet HTML 17Page - STMicroelectronics MK68564 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Figure 9 : Asynchronous Message Format.
V000382
The SIO provides five I/O lines that may be used for
modem control, for external interrupts, or as general
purpose I/O. The Request To Send (RTS) and Data
Terminal Ready (DTR) pins are outputs that follow
the inverted state of their respective bits in the
Transmitter Control Register. The RTS pin can also
be used to signal the end of a message in Asynchro-
nous modes, as explained below in the transmitter
section. The Data Carrier Detect (DCD), Clear To
Send (CTS), and SYNC pins are inputs to the SIO
in Asynchronous modes. DCD and CTS can be u-
sed as auto enables to the receiver and transmitter,
respectively, or if External/Status Interrupts are en-
abled all three input pins will be monitored for a
change of status. If these inputs change for a period
of time greater than the minimum specified pulse
width, an interrupt will be generated.
In the following discussion, all interrupt modes are
assumed enabled.
ASYNCHRONOUS TRANSMIT
Start of Transmission. The SIO will start transmit-
ting data when the Transmit Enable bit is set to a
one, and a character has been loaded into the trans-
mit buffer. If the TxAuto Enables bit is set, the SIO
will wait for a Low on the Clear To Send input (CTS)
before starting data transmission. The Tx Auto En-
ables feature allows the programmer to send the
first data character of the message to the SIO wi-
thout waiting for CTS to go Low. In all cases, the
Transmit Enable bit must be set before transmission
can begin. The transitions on the CTS pin will gene-
rate External/Status interrupt requests and also
latch up the external/status logic. The external/sta-
tus logic should be rearmed by issuing a Reset Ex-
ternal/Status Interrupts command.
Transmit Characteristics. The SIO automatically
inserts a start bit, the programmed parity bit (odd, e-
ven, or no parity), and the programmed number of
stop bits to the data character to be transmitted. The
transmitter can transmit from one to eight data bits
per character. All characters are transmitted least-
significant bit first. When the character length pro-
grammed is six or seven bits, the unused bits of the
transmit buffer are automatically ignored. When a
character length of five bits or less is programmed,
the data loaded into the transmit buffer must be for-
matted as described in the Transmitter Control Re-
gister part of the Register Description section. Serial
data is shifted out of the TxD pin on the falling edge
of the Transmit Clock (TxC) at a rate equal to 1,
1/16th, 1/32nd, or 1/64th of TxC.
Data Transfer. The SIO will signal the CPU or other
bus master with a transmit interrupt request and set
the Tx Buffer Empty bit in Status Register 0, every
time the contents of the transmit buffer are loaded
into the transmit shift register. The interrupt request
will be cleared when a new character is loaded into
the transmit buffer, or a Reset Tx Interrupt Pending
command (Command 5) is issued. If Command 5 is
issued, the transmit buffer will have to be loaded be-
fore any additional transmit interrupt requests are
generated. The Tx Buffer Empty bit is reset when a
new character is loaded into the transmit buffer.
The All Sent bit in Status Register 1 is used to indi-
cate when all data in the shift register has been
transmitted, and the transmit buffer is empty. This bit
is Low, while the transmitter is sending characters,
and it will go High one bit time after the transmit clock
that clocks out the last stop bit of the character on
the TxD pin. No interrupts are generated by the All
Sent bit transitions. The Request To Send (RTS) bit
MK68564
14/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com