Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 38 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 34Page - STMicroelectronics MK68564 Datasheet HTML 35Page - STMicroelectronics MK68564 Datasheet HTML 36Page - STMicroelectronics MK68564 Datasheet HTML 37Page - STMicroelectronics MK68564 Datasheet HTML 38Page - STMicroelectronics MK68564 Datasheet HTML 39Page - STMicroelectronics MK68564 Datasheet HTML 40Page - STMicroelectronics MK68564 Datasheet HTML 41Page - STMicroelectronics MK68564 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5.0 VDC ± 5%, GND = 0 VDC, TA = 0 to 70°C)
4. 0 M H z
5. 0 MH z
Number
Parameter
Min.
Max.
Min.
Max.
Unit
Notes
40
CS HIGH TO DATA Out High Impedence
120
90
ns
41
CS or IACK High to CLK Low
100
100
ns
7
42
TxRDY or RxRDY Width Low
3
3
CLK’s
8, 10
43
CLK High TxRDY or RxRDY Low
300
300
ns
44
CLK High to TxRDY or RxRDY High
300
300
ns
IACK High to CS Low or CS High to IACK Low
(not shown)
50
50
ns
1
45
CTS, DCD, SYNC Pulse Width High
200
200
ns
46
CTS, DCD, SYNC Pulse Width Low
200
200
ns
47
TxC Period
1000
DC
800
DC
ns
9
48
TxC Width Low
180
DC
180
DC
ns
49
TxC Width High
180
DC
180
DC
ns
50
TxC Low to TxD Delay (X1 Mode)
300
300
ns
51
TxC Low to INTR Low Delay
5
9
5
9
CLK’s
10
52
RxC Period
1000
DC
800
DC
ns
9
53
RxC Width Low
180
DC
180
DC
ns
54
RxC Width High
180
DC
180
DC
ns
55
RxD to RxC High Setup Time (X1 mode)
0
0
ns
56
RxC High to RxD Hold Time (X1 mode)
140
140
ns
57
RxC High to INTR Low Delay
10
13
10
13
CLK’s
10
58
RxC High to SYNC Low Delay (output modes)
4
7
4
7
CLK’s
10
59
RESET Low
1
1
CLK
10
60
XTAL 1 Width High (TTL in)
100
80
ns
61
XTAL 1 Width Low (TTL in)
100
80
ns
62
XTAL 1 Period (TTL in)
250
2000
200
2000
ns
63
XTAL 1 Period (crystal in)
250
1000
200
1000
ns
Not es : 1. This specification only applies if the SIO has completed all operations initiated by the previous bus cycle, when CS
or IACK was asserted. Following a read, write, or interrupt acknoledge cycle, all operations are complete within two
CLK cycles after the rising edge of CS or IACK. If CS or IACK is asserted prior to the completion of the internal
operations, the new bus cycle will be postponed.
2. If IEI meets the setup time to the falling edge of CLK, 1 1/2 cycles following the clocking in of IACK.
3. No internal interrupt request pending at the start of an interrupt acknoledge cycle.
4. Time starts when first signal goes invalid (high).
5. If an internal interrupt is pending at the end of the interrupt acknoledge cycle.
6. If Note 2 timing is not met.
7. If this spec is met, the delay listed in Note 1 will be one CLK cycle instead of two.
8. Ready signals will be negated asynchronous to the CLK, if the conditi on causing the assertion of the signals is
cleared.
9. If RxC and TxC are asynchronous to the System Clock, the maximum clock rate into RxC and TxC should be no
more than one-fifth the System Clock rate. If RxC and TxC are synchronized to the falling edge of the System
Clock, the maximum clock rate into RxC and TxC can be one-fourth the System Clock rate.
10. System Clock.
11. Due to the dynamic nature of the internal data bus, if CS is held low for more than a few hundred milli seconds the
MK68564
38/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com