Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 23 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 19Page - STMicroelectronics MK68564 Datasheet HTML 20Page - STMicroelectronics MK68564 Datasheet HTML 21Page - STMicroelectronics MK68564 Datasheet HTML 22Page - STMicroelectronics MK68564 Datasheet HTML 23Page - STMicroelectronics MK68564 Datasheet HTML 24Page - STMicroelectronics MK68564 Datasheet HTML 25Page - STMicroelectronics MK68564 Datasheet HTML 26Page - STMicroelectronics MK68564 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
output pin as long as no data is loaded into the trans-
mit buffer.
Note : If a character is loaded into the transmit buf-
fer before enabling the transmitter, that character
will be sent in place of a flag.
An abort sequence may be transmitted at any time
by issuing the Send Abort command (command 1).
This causes at least eight, but less than fourteen,
ones to be sent before the output reverts back to
continuous flags. It is possible that the Abort se-
quence (eight 1’s) could follow up to five continuous
ones (allowed by the zero insertion logic) and, thus,
cause as many as thirteen ones to be sent. Any data
being transmitted and any data in the transmit buffer
is lost when an abort is issued.
The zero insertion logic in the transmitter will auto-
matically insert a 0 after five continuous ones in the
data stream. This does not apply to flags or aborts.
Start of Transmission. Transmission will begin
with the loading of the first character into the transmit
buffer if the transmitter is already enabled. For CRC
to be calculated correctly on each frame, the CRC
generator must be initialized to all ones before the
first character is loaded. This is accomplished by is-
suing a Reset Tx CRC Generator command in the
Command Register. The first non-flag character
transmitted is the address field. The SIO does not
automatically transmit a station address, this is left
to the programmer. The SIO will only transmit flags
and CRC characters automatically.
SDLC Transmit Characteristics. Any length SDLC
frame can be transmitted. All characters are trans-
mitted with the least-significant bits first. All data is
shifted out of the Transmit Data pin (TxD) on the fal-
ling edge of the Transmit Clock (TxC). The transmit-
ter transmit from one to eight data bits per character.
This requires right-hand justification of data written
to the transmit buffer, if the word length selected is
less than eight bits per character. When the pro-
grammed character length is six or seven bits, the
unused bits in the transmit buffer are ignored. If a
word length of five bits per character or less is se-
lected, the data loaded into the transmit buffer must
be formatted as described in the Transmit Control
Register part of the Register Description section.
The number of bits per character to be transmitted
can be changed on the fly. Any data, written to the
transmit buffer after the bits per character field is
changed, are affected by the change. The same is
true of any characters in the buffer at the time the
bits per character field is changed. The change in
the number of bits per character does not affect the
character in the process of being shifted out. Flag
characters are always eigth bits in length, and CRC
is always 16 bits in length, regardless of the pro-
grammed bits per character. A transmitted frame
can be terminated by CRC and a flag, by a flag only,
or by an abort. This is controlled by the Tx Under-
run/EOM Latch and the Send Abort command.
Data Transfers. A Transmit Interrupt is generated
each time the transmit buffer becomes empty. The
interrupt may be satisfied either by writing another
character into the transmit buffer or by resetting the
Transmit Interrupt Pending latch with a Reset Tx In-
terrupt Pending command. If the interrupt is satisfied
with this command, and nothing more is written into
the transmit buffer, there are no further transmitter
interrupts, and a Transmit Underrun condition will
occur when the data in the shift register is shifted
out. When another character is written to the buffer
and loaded into the shift register, the transmit buffer
can again become empty and interrupt the CPU.
Following the flags in an SDLC operation, the 8-bit
address field, control field, and information field may
be sent to the SIO, using the Transmit Interrupt
mode. The SIO transmits the frame check sequence
using the Transmit Underrun feature.
When the transmitter is first enabled, the transmit
buffer is already empty and obviously cannot then
become empty. Therefore, no transmit interrupt can
occur until after the first data character is written to
the transmit buffer.
Another way of detecting when the transmitter re-
quires service is to poll the Tx Buffer Empty bit in Sta-
tus Register 0. This bit is set to a one every time the
data in the transmit buffer is downloaded into the
transmit shift register. When data is written to the
transmit buffer, this bit is reset to zero.
The SIO has all the signals and controls necessary
to implement a DMA transfer routine for the trans-
mitter. The routine may be configured to enable the
DMA controller, after the first character is written into
the transmit buffer, using the TxRDY output pin to
signal the DMA that the transmitter requires service.
The DMA transfer can be terminated, when the DMA
block count is reached, using the Tx Underrun/EOM
interrupt.
Transmit Underrun/End of Message. SDLC-like
protocols do not have provisions for fill characters
within a message. The SIO, therefore, automatically
terminates an SDLC frame when the transmit data
buffer is empty, and the output shift register has no
MK68564
23/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com