Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 36 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 32Page - STMicroelectronics MK68564 Datasheet HTML 33Page - STMicroelectronics MK68564 Datasheet HTML 34Page - STMicroelectronics MK68564 Datasheet HTML 35Page - STMicroelectronics MK68564 Datasheet HTML 36Page - STMicroelectronics MK68564 Datasheet HTML 37Page - STMicroelectronics MK68564 Datasheet HTML 38Page - STMicroelectronics MK68564 Datasheet HTML 39Page - STMicroelectronics MK68564 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
MK68564 ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
Temperature Under Bias
– 25 to 100
°C
Storage Temperature
– 65 to 150
°C
Voltage on Any Pin with Respect to Ground
– 3 to 7
V
Power Dissipation
1.5
W
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliabi-
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ± 5%, TA = 0 to 70°C)
Symbol
Parameter
Min.
Max.
Unit.
VIH
Input High Voltage ; all Inputs
VSS + 2.0
VCC
V
VIL
Input Low Voltage ; all Inputs
VSS – 0.3
VSS + 0.8
V
I LL
Power Supply Current ; Outputs Open
190
mA
I IN
Input Leakage Current (VIN = 0 to 5.25)
± 10
µA
I TSI
Three-state Input Current DTACK, D0-D7, SYNC, TxC, RxC
0< VIN <VCC,
INTR
20
± 10
µA
µA
VOH
Output High Voltage
(I LOAD = – 400
µA, VCC = MIN) DTACK, D0-D7
(I LOAD = – 150
µA, VCC = MIN) All Other Outputs
(except XTAL2 & INTR)*
VSS + 2.4
V
VOL
Output Low Voltage
(I LOAD = 5.3mA, VCC = MIN) INTR, DTACK, D0-D7
(I LOAD = 2.4mA, VCC = MIN) All Other Outputs
(except XTAL2)*
0.05
V
CAPACITANCE
TA =25°C, F = 1MHz Unmeasured Pins Returned to Ground.
Symbol
Parameter
Test Conditions
Max.
Unit.
C IN
Input Capacitance CS, IACK
All Others
Unmeasured Pins Returned to
Ground
15
10
pF
pF
COUT
Tri-state Output Capacitance
10
pF
MK68564
36/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com