Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 1 Page - STMicroelectronics

  MK68564 Datasheet HTML 1Page - STMicroelectronics MK68564 Datasheet HTML 2Page - STMicroelectronics MK68564 Datasheet HTML 3Page - STMicroelectronics MK68564 Datasheet HTML 4Page - STMicroelectronics MK68564 Datasheet HTML 5Page - STMicroelectronics MK68564 Datasheet HTML 6Page - STMicroelectronics MK68564 Datasheet HTML 7Page - STMicroelectronics MK68564 Datasheet HTML 8Page - STMicroelectronics MK68564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MK68564
January 1989
SERIAL INPUT OUTPUT
.
COMPATIBLE WITH MK68000 CPU
.
COMPATIBLE WITH MK68000 SERIES DMA’s
.
TWO INDEPENDENT FULL-DUPLEX CHAN-
NELS
.
TWO INDEPENDENT BAUD-RATE GENER-
ATORS
- Crystal oscillator input
- Single-phase TTL clock input
.
DIRECTLY ADDRESSABLE REGISTERS
(all control registers are read/write)
.
DATA RATE IN SYNCHRONOUS OR ASYN-
CHRONOUS MODES
- 0-1.25M bits/second with 5.0MHz system
clock rate
.
SELF-TEST CAPABILITY
.
RECEIVE DATA REGISTERS ARE QUADRU-
PLY BUFFERED ; TRANSMIT REGISTERS
ARE DOUBLY BUFFERED
.
DAISY-CHAIN PRIORITY INTERRUPT LOGIC
PROVIDES AUTOMATIC INTERRUPT VECTO-
RING WITHOUT EXTERNAL LOGIC
.
MODEM STATUS CAN BE MONITORED
- Separate modem controls for each channel
.
ASYNCHRONOUS FEATURES
- 5, 6, 7, or 8 bits/character
- 1, 11/2, or 2 stop bits
- Even, odd, or no parity
- x1, x16, x32, and x64 clock modes
- Break generation and detection
- Parity, overrun, and framing error detection
.
BYTE SYNCHRONOUS FEATURES
- Internal or external character synchronization
- One or two sync characters in separate regis-
ters
- Automatic sync character insertion
- CDC-16 or CRC-CCITT block check genera-
tion and checking
.
BIT SYNCHRONOUS FEATURES
- Abort sequence generation and detection
- Automatic zero insertion and deletion
- Automatic flag insertion between messages
- Address field recognition
- I-field residue handling
- Valid receive messages protected from over-
run
- CRC-16 or CRC-CCITT block check genera-
tion and checking
DESCRIPTION
The MK68564 SIO (Serial Input Output) is a dual-
channel, multi-function peripheral circuit, designed
to satisfy a wide variety of serial data communica-
tions requirements in microcomputer systems. Its
basic function is a serial-to-parallel, parallel-to-serial
converter/controller ; however within that role, it is
systems software configurable so that its ”persona-
lity” may be optimized for any given serial data
communications application.
The MK68564 is capable of handling asynchronous
protocols, synchronous byte-oriented protocols
(such as IBM Bisync), and synchronous bit-oriented
protocols (such as HDLC and IBM SDLC). This ver-
satile device can also be used to support virtually
any serial protocol for applications other than data
communications (cassette or floppy disk interface,
for example).
The MK68564 can generate and check CRC codes
in any synchronous mode and may be programmed
to check data integrity in various modes. The device
also has facilities for modem controls in each chan-
nel. In applications where these controls are not
needed, the modem controls may be used for gene-
ral-purpose I/O.
PDIP48
(Plastic Package)
PLCC52
(Chip Carrier)
1
1/46


Similar Part No. - MK68564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK68901 STMICROELECTRONICS-MK68901 Datasheet
314Kb / 33P
MULTI.FUNCTION PERIPHERAL
Dec-1988
More results

Similar Description - MK68564

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
TMPZ84C40AP-6 TOSHIBA-TMPZ84C40AP-6 Datasheet
1Mb / 50P
TLCS-Z80 SIO: SERIAL INPUT/OUTPUT CONTROLLER
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Zilog, Inc.
Z8440 ZILOG-Z8440 Datasheet
848Kb / 24P
SERIAL INPUT/OUTPUT CONTROLLER
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
CMOS Serial 8-Bit Input/Output Port
September 2003
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
8-Bit Serial-Input Parallel-Output Driver
logo
Zilog, Inc.
Z84C4206PEG ZILOG-Z84C4206PEG Datasheet
1Mb / 24P
SERIAL INPUT/OUTPUT CONTROLLER
Z84C4408VEC ZILOG-Z84C4408VEC Datasheet
1Mb / 24P
SERIAL INPUT/OUTPUT CONTROLLER
logo
Maxim Integrated Produc...
MAX9291EVKIT MAXIM-MAX9291EVKIT Datasheet
6Mb / 31P
HDMI Input GMSL Serial Output
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com