Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 28 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 24Page - STMicroelectronics MK68564 Datasheet HTML 25Page - STMicroelectronics MK68564 Datasheet HTML 26Page - STMicroelectronics MK68564 Datasheet HTML 27Page - STMicroelectronics MK68564 Datasheet HTML 28Page - STMicroelectronics MK68564 Datasheet HTML 29Page - STMicroelectronics MK68564 Datasheet HTML 30Page - STMicroelectronics MK68564 Datasheet HTML 31Page - STMicroelectronics MK68564 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
D5, D4 : Sync Modes 1 and 0
These bits select the various options for character
synchronization. These bits are ignored, unless
Sync modes is selected in the Stop Bits filed of this
register.
D3, D2 : Stop Bits 1 and 0
These bits determine the number of stop bits added
to each Asynchronous character that is transmitted.
The receiver always checks for one stop bit in Asyn-
chronous mode. A special code (00) signifies that a
Synchronous mode is to be selected. 1 1/2 stop bits
is not allowed if x1 clock rate is selected, because it
will lock up the transmitter.
D1 : Parity Even/Odd
If the Parity Enable bit is set, this bit determines whe-
ther parity is checked as even or as odd. (1 = even,
0 = odd). This bit is ignored if the Parity Enable bit
is reset.
D0 : Parity Enable
If this bit is set to a one, one additional bit position
beyond those specified in the bits/character control
field is added to the transmitted data and is expected
in the receive data. The received parity bit is trans-
ferred to the CPU as part of the data character, un-
less eight bits per character is selected in the Recei-
ver Control Register.
INTERRUPT CONTROL REGISTER
(INTCTL)
This register contains the control bits for the various
interrupt modes and the DMA handshaking signals.
This register is reset to ”00H” by a channel or hard-
ware reset.
D7 : CRC-16/SDLC-CRC
This bit selects the CRC polynomial used by both the
transmitter and receiver. When set to a one, the
CRC-16 polynomial (x16 + x15 + x2 + 1) is used ;
when reset to a zero, the SDLC-CRC polynomial
(x16 + x12 + x5 + 1) is used. If the SDLC mode is
selected, the CRC generator and checker are preset
to all ones and a special check sequence is used.
The SDLC-CRC polynomial must be selected in
SDLC mode. Failure to do so will result in receiver
CRC errors. When a Synchronous mode, other than
SDLC, is selected, the CRC generator and checker
are preset to all zeros (for both polynomials). This bit
must be programmed before CRC is enabled in the
receiver and transmitter control registers, to assure
valid CRC generation and checking. This bit is igno-
red in Asynchronous modes.
D6 : Tx Ready Enable
When this bit is set to a one, the TxRDY output pin
will pulse Low for three clock cycles (CLK) when the
transmit buffer becomes empty. When this bit is ze-
ro, the TxRDY pin is held High.
D5 : Rx Ready Enable
When this bit is set to a one, the TxRDY output pin
will pulse Low for three clockcycles (CLK) when a
character is available in the receive buffer. If a Spe-
cial Receive Condition is detected when the Re-
ceive Interrupt On FIrst Character Only interrupt
mode is selected, the RxRDY pin will not become
active ; instead, a special Receive Condition inter-
rupt will be generated. When this bit is zero, the
RxRDY pin will be held High
SYNC
MODE 1
SYNC
MODE 0
0
0
1
1
0
1
0
1
8-bit Programmed Sync
16-bit Programmed Sync
SDLC Mode (01111110 flag
pattern)
External Sync Mode
STO P
BIT 1
STO P
BIT 0
0
0
1
1
0
1
0
1
Sync Modes
1 Stop Bit per Character
11/2 Stop Bits per Character
2 Stop Bits per Character
D7
D 6
D5
D4
D3
D 2
D 1
D 0
CRC16/
SDLC
CTX
RDY
ENABLE
RX RDY
ENABLE
RX INT
MODE
1
RX INT
MODE
0
STATUS
AFFECTS
TX INT
ENABLE
EXT INT
ENABLE
CLO CK
RATE 1
CLO CK
RATE 0
Multiple
0
0
1
1
0
1
0
1
x1
x16
x32
x64
Clock Rate = Data Rate
Clock Rate = 16 x Data
Rate
Clock Rate = 32 x Data
Rate
Clock Rate = 64 x Data
Rate
MK68564
28/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com