Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68564 Datasheet(PDF) 30 Page - STMicroelectronics

Part # MK68564
Description  SERIAL INPUT OUTPUT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68564 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button MK68564 Datasheet HTML 26Page - STMicroelectronics MK68564 Datasheet HTML 27Page - STMicroelectronics MK68564 Datasheet HTML 28Page - STMicroelectronics MK68564 Datasheet HTML 29Page - STMicroelectronics MK68564 Datasheet HTML 30Page - STMicroelectronics MK68564 Datasheet HTML 31Page - STMicroelectronics MK68564 Datasheet HTML 32Page - STMicroelectronics MK68564 Datasheet HTML 33Page - STMicroelectronics MK68564 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
terminated, or at the beginning of CRC transmission
when the Transmit Underrun/EOM latch in Status
Register 0 becomes set. When this bit is zero, no Ex-
ternal/Status interrupts will occur.
If this bit is set when an External/Status condition is
pending, an interrupt will be requested. It is re-
commended that a Reset External/Status Interrupts
command (Command 2 in the Command Register)
be issued prior to enabling External/Status inter-
rupts.
SYNC WORD REGISTER 1 (SYNC 1)
This register is programmed to contain the transmit
sync character in the Monosync mode, the first eight
bits of the 16-bit sync character in the Bysinc mode,
or the transmit sync character in the External Sync
mode. This register is not used in Asynchronous
mode. In the SDLC mode, this register is program-
med to contain the secondary address field used to
compare against the address field of the SDLC
frame. The SIO does not automatically transmit the
station address at the beginning of a response
frame. This register is reset to ”00H” by a channel
or hardware reset.
SYNC WORD REGISTER 2 (SYNC 2)
This register is programmed to contain the receive
sync character in the Monosync mode, the last eight
bits of the 16-bit sync character in the Bisync mode,
or a flag character (01111110) in the SDLC mode.
This register is not used in the External Sync mode
and the Asynchronous mode. This register is reset
to ”00H” by a channel or hardware reset.
RECEIVER CONTROL REGISTER
(RCVCTL)
This register contains the control bits and parame-
ters for the receiver logic. This register is reset to
”00H” by a channel or hardware reset.
D7, D6 : Receiver Bits/Character 1 and 0
The state of these two bits determines the number
of bits to be assembled as a character in the recei-
ved serial data stream. If Parity is enabled, one ad-
ditional bit will be added to each character. The num-
ber of bits per character can be changed while a
character is being assembled but only before the
number of bits currently programmed is reached. All
data is right-justified in the shift register and trans-
ferred to the receive data FIFO in 8-bit groups.
In Asynchronous mode, transfers are made at char-
acter boundaries, and all unused bits of character
are set to a one. In Synchronous modes and SDLC
mode, an 8-bit segment of the serial data stream is
transferred to the data FIFO when the internal coun-
ter reaches the number of bits per character pro-
grammed. For less than eight bits per character, no
parity, the MSB bit(s) of the first transfer will be the
LSB bit(s) of the next transfer.
D5 : Receiver Auto Enables
When this bit is set to a one, and the Receiver Ena-
ble bit is also set, a Low on the DCD input pin be-
comes the enable for the receiver. When this bit is
zero, the DCD pin is simply an input to the SIO, and
its status is displayed in Status Register 0.
D4 : Enter Hunt Mode
This bit, when written to a one, rearms the receiver
synchronization logic and forces the comparison of
the received bit stream to the ontents of Sync Word
Register 1 and/or Sync Word Register 2, depending
upon which Synchronous mode is selected, until bit
synchronization is achieved. The SIO automatically
enters the Hunt mode after a channel or hardware
reset, after an Abort condition is detected, or when
the receiver is disabled. When the Hunt mode is en-
tered, the Hunt/Sync bit in Status Register 0 is set
to a one. When synchronization is achieved, the
Hunt/Sync bit is reset to a zero. If External/Status in-
terrupts are enabled, an interrupt request will be ge-
nerated on both transitions of the Hunt/Sync bit. En-
ter Hunt Mode has no affect in Asynchronous
modes. This bit is not latched and will always be read
as a zero.
D7
D 6
D5
D 4
D3
D 2
D1
D0
SYNC/
SDLC7
SYNC/
SDLC6
SYNC/
SDLC5
SYNC/
SDLC4
SYNC/
SDLC3
SYNC/
SDLC2
SYNC/
SDLC1
SYNC/
SDLC0
D7
D 6
D5
D 4
D3
D2
D1
D0
SYNC/
SDLC
15
SYNC/
SDLC
14
SYNC/
SDLC
13
SYNC/
SDLC
12
SYNC/
SDLC
11
SYNC/
SDLC
10
SYNC/
SDLC
9
SYNC/
SDLC 8
RX BITS
CHAR 1
RX BITS
CHAR 0
Bits/character
(no parity)
Bits/character
(parity)
0
0
1
1
0
1
0
1
5
6
7
8
6
7
8
9
D 7
D 6
D5
D 4
D3
D2
D1
D 0
RX BITS
CHAR 1
RX BITS
CHAR 0
RX AUT O
ENAB.
H UNT
MO DE
RX CRC
ENAB.
ADDR.
SEARCH
STRIP
SYNC
RX
ENABLE
MK68564
30/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com