Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 2Page - STMicroelectronics TDA7571 Datasheet HTML 3Page - STMicroelectronics TDA7571 Datasheet HTML 4Page - STMicroelectronics TDA7571 Datasheet HTML 5Page - STMicroelectronics TDA7571 Datasheet HTML 6Page - STMicroelectronics TDA7571 Datasheet HTML 7Page - STMicroelectronics TDA7571 Datasheet HTML 8Page - STMicroelectronics TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Pin description
TDA7571
6/21
45
t1
6V
46
MCLK
Master clock input (256 x fs)
6V
47
t2
6V
48
SD
I2S serial data
6V
49
WS
I2S word select
6V
50
SCK
I2S serial clock
6V
51
N.C.
Not connected
52
-2.5V
Signal -2.5V supply output
-2.75V
53
sgnd
Signal ground
0 (ref)
54
+2.5V
Signal 2.5V supply output
2.75V
55
MUTE
Mute input
5.5V
56
ST-BY
Stand by input
6V
57
Feed R in
Feedback network right channel
-5
5V
58
-Vs
Negative voltage supply
-30V
59
-Vs
Negative voltage supply
-30V
60
-Vs+Vrefr
Supply drivers NMOS. Right channel
-30V
-Vs+12V
61
Snr1
Sensing 2 NMOS, right channel
-30V
62
Snr2
Sensing 1 NMOS, right channel
-30V
63
Gnrs
Sense gate NMOS, right channel
-30V
-Vs+12V
64
Gnr
Gate NMOS, right channel
-30V
-Vs+12V
Table 2.
Pins description (continued)
Pin
number
Name
Function
Voltage limit
(low)
Voltage limit
(high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com