Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7571 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics TDA7571 Datasheet HTML 15Page - STMicroelectronics TDA7571 Datasheet HTML 16Page - STMicroelectronics TDA7571 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TDA7571
Electrical specifications
13/21
3.4
Notes on the electrical schematic shown in Figure 3 and 4
3.4.1
Main characteristics
●
2 channels single-ended or 1 channel bridge PWM amplifier
●
Power output: see Table 5
●
Figure 3: PLL option
●
Figure 4: free running oscillator option
●
Output voltage @ input = -6Bfs:
–
Figure 3: 10Vrms (single ended) - 20Vrms (bridge)
–
Figure 4: 9.5Vrms (single ended) - 19Vrms (bridge)
●
Clip detector settled at THD=10%
●
No dithering selected
The schematic is depicted showing the suggested structure of the printed circuit board
tracks (star points, high current path, components placement).
To avoid malfunctioning due to the parasitic inductance, short connections lengths are
recommended.
Table 6.
Component characteristics
Components
(See schematic of Figure 3 & 3)
Minimum load:
2 x 4 Ohm single-ended
or 8 Ohm bridge
(2 x 65W / 1 x 130W)
(power supply = ±25V)
Minimum load:
2 x 2 Ohm single-ended
or 4Ohm bridge
(2 x 125W / 1 x 250W)
(power supply = ±25V)
P-MOS-L
P-MOS-R
STP12PF06
2 x STP12PF06
in parallel
N-MOS-L
N-MOS-R
STP14NF06
2 x STP14NF06
in parallel
Rp-N-L2
RP-P-L2
Rp-N-R2
Rp-P-R2
Not present
4.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com